Moteur de recherche de fiches techniques de composants électroniques |
|
LM108A Fiches technique(PDF) 4 Page - Texas Instruments |
|
LM108A Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 10 page LM308A Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage g 18V Power Dissipation (Note 1) 500 mW Differential Input Current (Note 2) g 10 mA Input Voltage (Note 3) g 15V Output Short-Circuit Duration Continuous Operating Temperature Range 0 Cto a70 C Storage Temperature Range b 65 Cto a150 C H-Package Lead Temperature (Soldering 10 sec) 300 C Lead Temperature (Soldering 10 sec) (DIP) 260 C Soldering Information Dual-In-Line Package Soldering (10 sec) 260 C Small Outline Package Vapor phase (60 sec) 215 C Infrared (15 sec) 220 C See An-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ for other methods of soldering sur- face mount devices ESD rating to be determined Electrical Characteristics (Note 4) Parameter Conditions Min Typ Max Units Input Offset Voltage TA e 25 C 03 05 mV Input Offset Current TA e 25 C 02 1 nA Input Bias Current TA e 25 C 15 7 nA Input Resistance TA e 25 C10 40 MX Supply Current TA e 25 C VS e g15V 03 08 mA Large Signal Voltage Gain TA e 25 C VS e g15V 80 300 VmV VOUT e g10V RL t 10 kX Input Offset Voltage VS e g15V RS e 100X 073 mV Average Temperature Coefficient VS e g15V RS e 100X 20 50 m V C of Input Offset Voltage Input Offset Current 15 nA Average Temperature Coefficient 20 10 pA C of Input Offset Current Input Bias Current 10 nA Large Signal Voltage Gain VS e g15V VOUT e g10V 60 VmV RL t 10 kX Output Voltage Swing VS e g15V RL e 10 kX g 13 g 14 V Input Voltage Range VS e g15V g 14 V Common Mode Rejection Ratio 96 110 dB Supply Voltage Rejection Ratio 96 110 dB Note 1 The maximum junction temperature of the LM308A is 85 C For operating at elevated temperatures devices in the H08 package must be derated based on a thermal resistance of 160 CW junction to ambient or 20 CW junction to case The thermal resistance of the dual-in-line package is 100 CW junction to ambient Note 2 The inputs are shunted with back-to-back diodes for overvoltage protection Therefore excessive current will flow if a differential input voltage in excess of 1V is applied between the inputs unless some limiting resistance is used Note 3 For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage Note 4 These specifications apply for g5V s VS s g15V and 0 C s TA s a70 C unless otherwise specified 3 |
Numéro de pièce similaire - LM108A |
|
Description similaire - LM108A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |