Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM108A-N Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM108A-N
Description  LM108A LM208A LM308A Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM108A-N Fiches technique(HTML) 2 Page - Texas Instruments

  LM108A-N Datasheet HTML 1Page - Texas Instruments LM108A-N Datasheet HTML 2Page - Texas Instruments LM108A-N Datasheet HTML 3Page - Texas Instruments LM108A-N Datasheet HTML 4Page - Texas Instruments LM108A-N Datasheet HTML 5Page - Texas Instruments LM108A-N Datasheet HTML 6Page - Texas Instruments LM108A-N Datasheet HTML 7Page - Texas Instruments LM108A-N Datasheet HTML 8Page - Texas Instruments LM108A-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLH7759
May 1989
LM108ALM208ALM308A Operational Amplifiers
General Description
The LM108LM108A series are precision operational ampli-
fiers having specifications about a factor of ten better than
FET amplifiers over their operating temperature range In
addition to low input currents these devices have extremely
low offset voltage making it possible to eliminate offset ad-
justments in most cases and obtain performance ap-
proaching chopper stabilized amplifiers
The devices operate with supply voltages from g2V to
g
18V and have sufficient supply rejection to use unregulat-
ed supplies Although the circuit is interchangeable with and
uses the same compensation as the LM101A an alternate
compensation scheme can be used to make it particularly
insensitive to power supply noise and to make supply by-
pass capacitors unnecessary
The low current error of the LM108A series makes possible
many designs that are not practical with conventional ampli-
fiers In fact it operates from 10 MX source resistances
introducing less error than devices like the 709 with 10 kX
sources Integrators with drifts less than 500 mVsec and
analog time delays in excess of one hour can be made us-
ing capacitors no larger than 1 mF
The LM208A is identical to the LM108A except that the
LM208A has its performance guaranteed over a b25 Cto
a
85 C temperature range instead of b55 Cto a125 C
The LM308A devices have slightly-relaxed specifications
and performances over a 0 Cto a70 C temperature range
Features
Y
Offset voltage guaranteed less than 05 mV
Y
Maximum input bias current of 30 nA over temperature
Y
Offset current less than 400 pA over temperature
Y
Supply current of only 300 mA even in saturation
Y
Guaranteed 5 mV C drift
Compensation Circuits
Standard Compensation Circuit
Cf t
R1 CO
R1aR2
CO e 30 pF
TLH7759 – 1
Bandwidth and slew rate are proportional to 1Cf
Bandwidth and slew rate are proportional to 1Cs
Alternate Frequency Compensation
Improves rejection of power supply
noise by a factor of ten
TLH7759 – 2
Feedforward Compensation
TLH7759 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Numéro de pièce similaire - LM108A-N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM108A NSC-LM108A Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108A LINER-LM108A Datasheet
451Kb / 8P
   Operational Amplifiers?
LM108A LINER-LM108A Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM108AH NSC-LM108AH Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108AH LINER-LM108AH Datasheet
451Kb / 8P
   Operational Amplifiers?
More results

Description similaire - LM108A-N

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com