Moteur de recherche de fiches techniques de composants électroniques |
|
CSW2475 Fiches technique(PDF) 11 Page - Crydom Inc., |
|
CSW2475 Fiches technique(HTML) 11 Page - Crydom Inc., |
11 / 20 page 53TP 25-50Amp 3 PHASE 120/240/480 Vac SCR AC Switch Output LED Status Indicator Three-phase solid state relays switch up to 530 Vrms directly to loads such as motors, transformers, heating elements, etc. Available with either AC or DC input (coil) control in zero-voltage or random turn-on switching versions (add suffix -10). For 24Vac Control (add suffix E). Line Load* Control Control Must Surge* Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk D53TP25D 48-530 .05-25 3-32 10 1.0 250 UL, CSA, VDE D53TP50D 48-530 .05-50 3-32 10 1.0 625 UL, CSA, VDE D53DP25D ** 48-530 .05-25 4-32 20 1.0 250 UL, cUL, VDE D53DP50D ** 48-530 .05-50 4-32 20 1.0 625 UL, cUL, VDE Line Load* Control Control Must Surge* Voltage Current Voltage Current Release Current Range Range Range @ 120Vrms Voltage 1-Cycle Vrms Arms Vrms mA Vrms Apk A53TP25D 48-530 .05-25 90-280 2.2 10.0 250 UL, CSA, VDE A53TP50D 48-530 .05-50 90-280 2.2 10.0 625 UL, CSA, VDE A53DP25D ** 48-530 .05-25 90-280 5 10.0 250 UL, cUL, VDE A53DP50D ** 48-530 .05-50 90-280 5 10.0 625 UL, cUL, VDE *Current and Surge Ratings are per phase. ** DP is two controlled phases with the third connected straight through (A1 - A2). Operating Temperature Range: 40˚C to 80˚C, Isolation Voltage: 4000 Vrms Panel Mount Solid State Relays Dual Relays, Quad Relays 120/240/480 Vac SCR AC Switch Output Industry Standard Package Zero Cross or Random Turn-On Two (Dual) or four (Quad) independent AC output relays come in a single standard panel-mount package. Utilizing an AC switch output with internal snubber, relays provide greater protection against false triggering. Model choices include zero cross or random turn-on (phase controllable) switching (add suffix -10). For 24Vdc Control (add suffix E). UL 508A SCCR Approved, consult Crydom for actual ratings. Duals Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk D2425D 24-280 .15-25 4-15 13 1.0 250 UL, CSA, VDE D2440D 24-280 .15-40 4-15 13 1.0 625 UL, CSA, VDE H12D4825D 48-530 .15-25 4-15 13 1.0 250 UL, cUL, VDE H12D4840D 48-530 .15-40 4-15 13 1.0 625 UL, cUL, VDE Quads Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk TD2420Q 24-280 .15-20 4-15 12 1.0 250 UL, CSA TD2420Q-10 24-280 .15-20 4-15 12 1.0 250 UL, CSA Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms (Dual), 2500 Vrms (Quad) PSD 10-90Amp 120/240/480 Vac Peak Switching Internal Snubber Output consists of an SCR AC switch turning on at the next peak of sinusoidal AC wave form after the input has been activated. Continuing to conduct normally until the input is deactivated and then turning off at the next current zero cross. Suitable for switching transformers and other highly inductive loads where significant inrush current may otherwise cause problems. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk PSD2410 90-280 .04-10 3-32 2.0 1.0 120 UL, cUL PSD2425 90-280 .04-25 3-32 2.0 1.0 250 UL, cUL PSD2450 90-280 .04-50 3-32 2.0 1.0 625 UL, cUL PSD2490 90-280 .04-90 3-32 2.0 1.0 1200 UL, cUL PSD4810 48-530 .04-10 4-32 8 1.0 140 PSD4825 48-530 .04-25 4-32 8 1.0 250 PSD4850 48-530 .04-50 4-32 8 1.0 625 PSD4890 48-530 .04-90 4-32 8 1.0 1200 Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec DC60 3-7Amp 60 Vdc DC Bipolar Output AC or DC Control Economical Panel Mount Package The DC60 products provide bipolar transistor DC output switching with high (4000 Vrms) isolation voltage. Only Crydom offers AC input/DC output relays in this economical standard panel-mount package. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1 sec. Vdc Adc Vdc mA Vdc Adc DC60S3 3-60 .02-3 3.5-32 2.2 1.0 6 UL, cUL DC60S5 3-60 .02-5 3.5-32 2.2 1.0 10 UL, cUL DC60S7 3-60 .02-7 3.5-32 2.2 1.0 14 UL, cUL Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @120Vrms Voltage 1 sec. Vdc Adc Vrms mA Vrms Adc DC60SA3 3-60 .02-3 90-280 2 10 6 UL, cUL DC60SA5 3-60 .02-5 90-280 2 10 10 UL, cUL DC60SA7 3-60 .02-7 90-280 2 10 14 UL, cUL Operating Temperature Range: -30˚C to 80˚C Isolation Voltage:4000 Vrms Normally closed (Form B) versions available (-B suffix) Panel Mount - DC Output 11 Other Crydom products and competitive part number cross-reference available at: www.crydom.com |
Numéro de pièce similaire - CSW2475 |
|
Description similaire - CSW2475 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |