Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6100131 Fiches technique(PDF) 3 Page - Semikron International

No de pièce L6100131
Description  Board 1 SKYPER 32 R
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100131 Fiches technique(HTML) 3 Page - Semikron International

  L6100131 Datasheet HTML 1Page - Semikron International L6100131 Datasheet HTML 2Page - Semikron International L6100131 Datasheet HTML 3Page - Semikron International L6100131 Datasheet HTML 4Page - Semikron International L6100131 Datasheet HTML 5Page - Semikron International L6100131 Datasheet HTML 6Page - Semikron International L6100131 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Board 1 SKYPER
® 32 R - Technical Explanations
3
2010-04-21 – Rev01
© by SEMIKRON
Please provide for static discharge protection during handling. As long as the hybrid driver is not completely assembled,
the input terminals have to be short-circuited. Persons working with devices have to wear a grounded bracelet. Any
synthetic floor coverings must not be statically chargeable. Even during transportation the input terminals have to be
short-circuited using, for example, conductive rubber. Worktables have to be grounded. The same safety requirements
apply to MOSFET- and IGBT-modules.
Any parasitic inductances within the DC-link have to be minimised. Over-voltages may be absorbed by C- or RCD-
snubber networks between main terminals for PLUS and MINUS of the power module.
When first operating a newly developed circuit, SEMIKRON recommends to apply low collector voltage and load current
in the beginning and to increase these values gradually, observing the turn-off behaviour of the free-wheeling diode and
the turn-off voltage spikes generated across the IGBT. An oscillographic control will be necessary. Additionally, the case
temperature of the module has to be monitored. When the circuit works correctly under rated operation conditions,
short-circuit testing may be done, starting again with low collector voltage.
It is important to feed any errors back to the control circuit and to switch off the device immediately in failure events.
Repeated turn-on of the IGBT into a short circuit with a high frequency may destroy the device.
The inputs of the hybrid driver are sensitive to over-voltage. Voltages higher than VS +0,3V or below -0,3V may destroy
these inputs. Therefore, control signal over-voltages exceeding the above values have to be avoided.
The connecting leads between hybrid driver and the power module should be as short as possible (max. 20cm), the
driver leads should be twisted.
Further application support
Latest information is available at http://www.semikron.com. For design support please read the SEMIKRON Application
Manual Power Modules available at http://www.semikron.com.
General Description
The Board 1 SKYPER
® 32 is an adaptor board for the IGBT module e.g. SEMITRANS™, SEMiX® (solder pin version). The
board can be customized allowing adaptation and optimization to the used IGBT module.
The switching characteristic of the IGBT can be influenced through user settings, e.g. changing turn-on and turn-off speed
by variation of RGon and RGoff. Furthermore, it is possible to adjust the monitoring level and blanking time for the DSCP (see
Technical Explanations SKYPER
® 32).
Board 1 SKYPER
® 32 R
Please note:
This technical explanation is based on the Technical Explanations for SKYPER
® 32PRO. Please read the Technical Explanations
SKYPER
® 32PRO before using the Adaptor Board.


Numéro de pièce similaire - L6100131

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
L6100100 SEMIKRON-L6100100 Datasheet
587Kb / 15P
   SKYPER32 - TECHNICAL EXPLANATIONS
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
More results

Description similaire - L6100131

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com