Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPR100DWC Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce DLPR100DWC
Description  DLP짰 Configuration PROM for DLPC100
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100DWC Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DLPR100DWC Datasheet HTML 3Page - Texas Instruments DLPR100DWC Datasheet HTML 4Page - Texas Instruments DLPR100DWC Datasheet HTML 5Page - Texas Instruments DLPR100DWC Datasheet HTML 6Page - Texas Instruments DLPR100DWC Datasheet HTML 7Page - Texas Instruments DLPR100DWC Datasheet HTML 8Page - Texas Instruments DLPR100DWC Datasheet HTML 9Page - Texas Instruments DLPR100DWC Datasheet HTML 10Page - Texas Instruments DLPR100DWC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CS
CLK
Instruction(03h)
24-bit address
High impedance
Data Out 1
Data Out 1
DO
DIO
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
7
6
5
4
3
2
1
0
7
DLPR100
www.ti.com
DLPS020 – DECEMBER 2009
Figure 2. Read Data Instruction Sequence Diagram
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
–0.6
4.0
V
VIO
Voltage applied to any pin
Relative to ground
–0.6
VCC + 0.4
V
VIOT
Transient voltage on any pin
<20 ns transient relative to ground
–2.0
VCC + 2.0
V
Tstg
Storage temperature
–65
150
°C
TLEAD
Lead temperature
See (2)
°C
VESD
Electrostatic discharge voltage
Human Body Model(3)
–2000
2000
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Compliant with JEDEC standards J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on
restrictions on hazardous substance (RoHS) 2002/95/EU.
(3)
JEDEC Std JESD22-A114A (C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω).
RECOMMENDED OPERATING CONDITIONS
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Fr = 50MHz, fR = 33 MHz
2.3
3.6
VCC
Supply voltage
V
Fr = 75 MHz, fR = 33 MHz
2.7
3.6
TA
Ambient operating temperature
Industrial
–40
85
°C
POWER-UP TIMING AND WRITE INHIBIT THRESHOLD
(1)
PARAMETER
MIN
MAX
UNIT
tVSL
VCC(min) to CS low
10
µs
tPUW
Time delay before write instruction
1
10
ms
VWI
Write inhibit threshold voltage
1
2
V
(1)
Parameters are characterized only
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DLPR100


Numéro de pièce similaire - DLPR100DWC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI-DLPR410 Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR410AYVA TI1-DLPR410AYVA Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410AYVA TI-DLPR410AYVA Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
More results

Description similaire - DLPR100DWC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
[Old version datasheet]   Configuration PROM
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
   Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Texas Instruments
DLPC4420 TI-DLPC4420 Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4420 DLP짰 Display Controller
DECEMBER 2021
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com