Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP3000 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DLP3000
Description  DLP짰 0.3 WVGA Series 220 DMD
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000 Fiches technique(HTML) 1 Page - Texas Instruments

  DLP3000 Datasheet HTML 1Page - Texas Instruments DLP3000 Datasheet HTML 2Page - Texas Instruments DLP3000 Datasheet HTML 3Page - Texas Instruments DLP3000 Datasheet HTML 4Page - Texas Instruments DLP3000 Datasheet HTML 5Page - Texas Instruments DLP3000 Datasheet HTML 6Page - Texas Instruments DLP3000 Datasheet HTML 7Page - Texas Instruments DLP3000 Datasheet HTML 8Page - Texas Instruments DLP3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DLP3000
www.ti.com
DLPS022
– JANUARY 2012
DLP® 0.3 WVGA Series 220 DMD
Check for Samples: DLP3000
1
FEATURES
2
0.3-Inch (7.62 mm) Diagonal Micromirror Array
Package Mates to PANASONIC AXT550224
Socket
– 608 × 684 Array of Aluminum,
Micrometer-Sized Mirrors
APPLICATIONS
– 7.6-µm Micromirror Pitch
Machine Vision
– ±12° Micromirror Tilt Angle (Relative to Flat
Industrial Inspection
State)
3D Scanning
– Side Illumination for Optimized Efficiency
3D Optical Metrology
– 3-µs Micromirror Cross Over Time
Automated Fingerprint Identification
Highly Efficient in Visible Light (420 nm
–720
nm):
Face Recognition
– Window Transmission 97% (Single Pass,
Augmented Reality
Through Two Window Surfaces)
Embedded Display
– Micromirror Reflectivity 88%
Interactive Display
– Array Diffraction Efficiency 86%
Information Overlay
– Array Fill Factor 92%
Spectroscopy
– Polarization Independent
Chemical Analyzers
Up to WVGA Resolution (854x480) Wide
Medical Instruments
Aspect Ratio Display
Photo-Stimulation
Low Power Consumption, only 200 mW
Virtual Gauges
(Typical)
15-Bit, Double Data Rate (DDR) Input Data Bus
60-MHz to 80-MHz Input Data Clock Rate
Integrated Micromirror Driver Circuitry
Supports
–10 °C to 70 °C
16.6-mm by 7-mm by 5-mm Package Footprint
Dedicated DLPC300 Controller for Reliable
Operation
DESCRIPTION
The DLP3000 digital micromirror device (DMD) is a digitally controlled MOEMS (micro-opto-electromechanical
system) spatial light modulator (SLM). When coupled to an appropriate optical system, the DLP3000 can be used
to modulate the amplitude, direction, and/or phase of incoming light. The DLP3000 creates light patterns with
speed, precision, and efficiency.
Architecturally, the DLP3000 is a latchable, electrical-in/optical-out semiconductor device. This architecture
makes the DLP3000 well suited for use in applications such as 3D scanning or metrology with structured light,
augmented reality, microscopy, medical instruments, and spectroscopy. The compact physical size of the
DLP3000 is well-suited for portable equipment where small form factor and lower cost are important.
The
compact package compliments the small size of LEDs to enable highly efficient, robust light engines.
The DLP3000 is one of two devices in the DLP 0.3 WVGA chipset (see Figure 1). Proper function and reliable
operation of the DLP3000 requires that it be used in conjunction with the DLPC300 controller. See the DLP 0.3
WVGA Chip-set data sheet (TI literature number DLPZ005) for further details. Figure 2 shows a typical system
application using the DLP 0.3-inch WVGA chipset.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - DLP3000

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3000FQB TI1-DLP3000FQB Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
DLP3000FQB TI1-DLP3000FQB Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3000FQBDH TI1-DLP3000FQBDH Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_15 Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
More results

Description similaire - DLP3000

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP3034-Q1 TI1-DLP3034-Q1 Datasheet
760Kb / 39P
[Old version datasheet]   0.3 WVGA 405-nm DMD for Automotive Interior Display
DLP301S TI-DLP301S Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3020-Q1 TI-DLP3020-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   DLP3020-Q1 0.3-Inch WVGA DMD for Automotive Interior Display
FEBRUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com