Moteur de recherche de fiches techniques de composants électroniques |
|
AD8270 Fiches technique(PDF) 8 Page - Aavid, Thermal Division of Boyd Corporation |
|
AD8270 Fiches technique(HTML) 8 Page - Aavid, Thermal Division of Boyd Corporation |
8 / 16 page AD8275 Rev. A | Page 8 of 16 60 50 40 30 20 10 0 –10 –20 –30 –40 –50 –60 –70 –25 –50 0 25 50 75 100 125 TEMPERATURE (°C) 5V SINK 3.3V SINK 5V SOURCE 3.3V SOURCE Figure 17. Short-Circuit Current vs. Temperature, VS = 3.3 V, 5 V +VS +VS – 0.2 +VS – 0.4 +VS – 0.6 +VS – 0.8 +VS – 1.0 –VS + 1.0 –VS + 0.8 –VS + 0.6 –VS + 0.4 –VS + 0.2 –VS 1k 10k 100 100k RLOAD (Ω) –40°C –40°C +125°C +25°C +85°C +125°C +25°C +85°C Figure 18. Output Voltage Swing vs. RLOAD, VS = 5 V +VS +VS – 0.4 +VS – 0.8 +VS – 1.2 +VS – 1.6 +VS – 2.0 –VS + 2.0 –VS + 1.6 –VS + 1.2 –VS + 0.8 –VS + 0.4 –VS 2 4 6 8 10 12 14 0 OUTPUT CURRENT (mA) –40°C +125°C +25°C +125°C +85°C +25°C +85°C –40°C Figure 19. Output Voltage Swing vs. Output Current, VS = 3.3 V +VS +VS – 0.4 +VS – 0.8 +VS – 1.2 +VS – 1.6 +VS – 2.0 –VS + 2.0 –VS + 1.6 –VS + 1.2 –VS + 0.8 –VS + 0.4 –VS 2 4 6 8 10 12 14 0 OUTPUT CURRENT (mA) –40°C –40°C +125°C +85°C +25°C +125°C +85°C +25°C Figure 20. Output Voltage Swing vs. Output Current, VS = 5 V FREQUENCY (Hz) 10 100 1k 1 10 100 1k 10k 100k Figure 21. Voltage Noise Density vs. Frequency, Referred to Output TIME (1s/DIV) Figure 22. 0.1 Hz to 10 Hz Voltage Noise, Referred to Output |
Numéro de pièce similaire - AD8270 |
|
Description similaire - AD8270 |