Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8273 Fiches technique(PDF) 10 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce AD8273
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8273 Fiches technique(HTML) 10 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8273 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8273 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8274
Rev. C | Page 10 of 16
40
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
+SR
–SR
Figure 29. Slew Rate vs. Temperature
FREQUENCY (Hz)
10
100
1k
10k
1
10
100
1k
10k
100k
GAIN = 2
GAIN = ½
Figure 30. Voltage Noise Density vs. Frequency, Referred to Output
1s/DIV
G = ½
G = 2
Figure 31. 0.1 Hz to 10 Hz Voltage Noise, RTO
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
22kHz FILTER
VOUT = 10V p-p
RL = 600Ω
GAIN = 2
GAIN = ½
Figure 32. THD + N vs. Frequency, Filter = 22k Hz
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 10V p-p
GAIN = 2
GAIN = ½
Figure 33. THD + N vs. Frequency, Filter = 120 kHz
1
0.1
0.01
0.001
0.0001
0
25
5
10
15
20
OUTPUT AMPLITUDE (dBu)
GAIN = ½
f = 1kHz
RL = 2kΩ, 100Ω
RL = 600Ω
Figure 34. THD + N vs. Output Amplitude, G = ½


Numéro de pièce similaire - AD8273

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Description similaire - AD8273

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com