Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8202 Fiches technique(PDF) 5 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce AD8202
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8202 Fiches technique(HTML) 5 Page - Aavid, Thermal Division of Boyd Corporation

  AD8202 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8202 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8274
Rev. C | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTION
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8274
TOP VIEW
(Not to Scale)
Figure 3. MSOP Pin Configuration
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8274
TOP VIEW
(Not to Scale)
Figure 4. SOIC Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REF
6 kΩ Resistor to Noninverting Terminal of Op Amp. Used as reference pin in G = ½ configuration. Used as
positive input in G = 2 configuration.
2
−IN
12 kΩ Resistor to Inverting Terminal of Op Amp. Used as negative input in G = ½ configuration. Connect
to output in G = 2 configuration.
3
+IN
12 kΩ Resistor to Noninverting Terminal of Op Amp. Used as positive input in G = ½ configuration. Used
as reference pin in G = 2 configuration.
4
−VS
Negative Supply.
5
SENSE
6 kΩ Resistor to Inverting Terminal of Op Amp. Connect to output in G = ½ configuration. Used as
negative input in G = 2 configuration.
6
OUT
Output.
7
+VS
Positive Supply.
8
NC
No Connect.


Numéro de pièce similaire - AD8202

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8202 AD-AD8202 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8202 AD-AD8202 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8202 AAVID-AD8202 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
More results

Description similaire - AD8202

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com