Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8274 Fiches technique(PDF) 6 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce AD8274
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8274 Fiches technique(HTML) 6 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8274_11 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8274
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, gain = ½, difference amplifier configuration, unless otherwise noted.
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 5. CMR vs. Temperature, Normalized at 25°C, Gain = ½
150
100
50
0
–50
–100
–150
–200
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 6. System Offset vs. Temperature, Normalized at 25°C,
Referred to Output, Gain = ½
30
20
10
0
–10
–20
–30
–40
–50
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 7. Gain Error vs. Temperature, Normalized at 25°C, Gain = ½
30
20
10
0
–10
–20
–30
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
–13.5V, +11.5V
–13.5V, –11.5V
0V, +25V
VS = ±15V
0V, –25V
+13.5V, +11.5V
G = ½
+13.5V, –11.5V
Figure 8. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±15 V Supplies
20
15
10
5
0
–5
–10
–15
–20–4
–3
–2
–1
01234
OUTPUT VOLTAGE (V)
–3.5V, +15.8V
–1.0V, +6.2V
+1.0V, +4.2V
+1.0, –6.0V
–3.5V, –8.7V
+3.5V, +8.8V
G = ½
VS = ±5V
VS = ±2.5V
+3.5V, –15.5V
–1.0V, –4.0V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±5 V and ±2.5 V Supplies
25
20
15
10
5
0
–5
–10
–15
–20
–25
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
–13.5V, +11.5V
–13.5V, –11.5V
0V, +20.85V
0V, –20.85V
+13.5V, +11.5V
G = 2
+13.5V, –11.5V
VS = ±15V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Gain = 2, ±15 V Supplies


Numéro de pièce similaire - AD8274_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8274 AD-AD8274 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8274 AD-AD8274 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results

Description similaire - AD8274_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com