Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8137 Fiches technique(PDF) 5 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce AD8137
Description  Low Cost, Low Power, Differential ADC Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137 Fiches technique(HTML) 5 Page - Aavid, Thermal Division of Boyd Corporation

  AD8137_12 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137_12 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD8137
Rev. E | Page 5 of 32
VS = 5 V, VOCM = 2.5 V (@ 25°C, differential gain = 1, RL, dm = RF = RG = 1 kΩ, unless otherwise noted, TMIN to TMAX = −40°C to +125°C).
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
Dynamic Performance
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
63
75
MHz
AD8137W only: TMIN-TMAX
61
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
76
107
MHz
AD8137W only: TMIN-TMAX
76
MHz
Slew Rate
VO, dm = 2 V step
375
V/µs
Settling Time to 0.02%
VO, dm = 3.5 V step
110
ns
Overdrive Recovery Time
G = 2, VI, dm = 7 V p-p triangle wave
90
ns
Noise/Harmonic Performance
SFDR
VO, dm = 2 V p-p, fC = 500 kHz
89
dB
VO, dm = 2 V p-p, fC = 2 MHz
73
dB
Input Voltage Noise
f = 50 kHz to 1 MHz
8.25
nV/√Hz
Input Current Noise
f = 50 kHz to 1 MHz
1
pA/√Hz
DC Performance
Input Offset Voltage
VIP = VIN = VOCM = 0 V
−2.7
±0.7
+2.7
mV
AD8137W only: TMIN-TMAX
−5.0
+5.0
mV
Input Offset Voltage Drift
TMIN to TMAX
3
µV/°C
Input Bias Current
TMIN to TMAX
0.5
0.9
µA
Input Offset Current
0.1
0.45
µA
AD8137W only: TMIN-TMAX
0.45
µA
Open-Loop Gain
89
dB
Input Characteristics
Input Common-Mode Voltage Range
1
4
V
AD8137W only: TMIN-TMAX
1
4
V
Input Resistance
Differential
800
kΩ
Common-mode
400
kΩ
Input Capacitance
Common-mode
1.8
pF
CMRR
ΔVICM = ±1 V
64
90
dB
AD8137W only: TMIN-TMAX
64
dB
Output Characteristics
Output Voltage Swing
Each single-ended output, RL, dm = 1 kΩ
VS− + 0.45
VS+ − 0.45
V
AD8137W only: TMIN-TMAX
VS− + 0.45
VS+ − 0.45
V
Output Current
20
mA
Output Balance Error
f = 1 MHz
−64
dB
VOCM to VO, cm PERFORMANCE
VOCM Dynamic Performance
−3 dB Bandwidth
VO, cm = 0.1 V p-p
60
MHz
Slew Rate
VO, cm = 0.5 V p-p
61
V/µs
Gain
0.980
1.000
1.020
V/V
AD8137W only: TMIN-TMAX
0.975
1.020
V/V
VOCM Input Characteristics
Input Voltage Range
1
4
V
AD8137W only: TMIN-TMAX
1
4
V
Input Resistance
35
kΩ
Input Offset Voltage
−25
±7.5
+25
mV
AD8137W only: TMIN-TMAX
−25
+25
mV


Numéro de pièce similaire - AD8137_12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

Description similaire - AD8137_12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com