Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4066B-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4066B-Q1
Description  CMOS QUAD BILATERAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066B-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CD4066B-Q1 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1 Datasheet HTML 9Page - Texas Instruments CD4066B-Q1 Datasheet HTML 10Page - Texas Instruments CD4066B-Q1 Datasheet HTML 11Page - Texas Instruments CD4066B-Q1 Datasheet HTML 12Page - Texas Instruments CD4066B-Q1 Datasheet HTML 13Page - Texas Instruments CD4066B-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Channel 1
Channel 2
Channel 3
Channel 4
Channel 1
Channel 2
Channel 3
Channel 4
1/4 CD4066B
CD4066B
CD4066B
CD4018B
CD4018B
1/4 CD4066B
CD4001B
LPF
LPF
LPF
LPF
1
10
3
7
9
1 2
5
4
14
15
13
1
2
3
5
2
4
1
2
5
6
8
9
12
13
3
4
10
1
8
4
11
11
12
6
5
13
9
10
2
3
10
2
3
7
9
12
14
15
1
5
4
7
9
6
10
13
12
9
8
6
5
2
1
11
10
4
3
12
6
5
1
1
11
1 2
5
8
4
3
11
4
1
2
3
9
10
P
J
J
J
J
J
Q
E
1
2
3
4
5
2
Q1
1/3 CD4049B
Inputs
Clock
Reset
Package Count
2 - CD4001B
1 - CD4049B
3 - CD4066B
2 - CD4018B
1/3 CD4049B
1/6 CD4049B
10 k
Signal
Outputs
P
J
J
J
J
J
Q
E
1
2
3
4
5
2
Q1
External
Reset
Clock
Chan 1 Chan 2
Chan 3 Chan 4
VDD
30% (VDD − VSS)
Clock
Maximum
Allowable
Signal Level
VSS
92CM-30928
10 k
10 k
10 k
10 k
2
Signal
SW
SW
SW
SW
A
B
C
D
92CS-30927
Analog Inputs (±5 V)
VDD = 5 V
VDD = 5 V
5 V
−5 V
5 V
CD4066B
Analog Outputs (±5 V)
VSS = −5 V
CD4054B
VSS = 0 V
VEE = −5 V
IN
0
Digital
Control
Inputs
0
CD4066B-Q1
SCHS383
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 17. Four-Channel PAM Multiplex System Diagram
Figure 18. Bidirectional Signal Transmission Via Digital Control Logic
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :CD4066B-Q1


Numéro de pièce similaire - CD4066B-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Description similaire - CD4066B-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com