Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCA406ZQCR Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74AVCA406ZQCR
Description  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCA406ZQCR Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AVCA406ZQCR Datasheet HTML 1Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 2Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 3Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 4Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 5Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 6Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 7Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 8Page - Texas Instruments SN74AVCA406ZQCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
www.ti.com
GQC/ZQC PACKAGE
(TOP VIEW)
G
F
E
D
C
B
A
2
1
3
4
6
5
7
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
TERMINAL ASSIGNMENTS(1)
1
2
3
4
5
6
7
A
VCCA
2A
4DIR
2DIR
MODE1
10B1
VCCB0
B
10A1
3A
1A
1DIR
MODE0
9B1
1B
C
9A
10A2
3DIR
GND
2B
3B
D
9DIR
4A
56DIR
GND
4B
11B
12B
E
78DIR
6A
GND
CS0
GND
10B2
9B2
F
7A
8A
12A
13A
7B
5B
14B
G
VCCA
5A
11A
CS1
8B
6B
VCCB1
(1)
VCCA powers all A-port I/Os and control inputs.
VCCB0 powers 1B, 2B, 3B, 4B, 9B1, and 10B1.
VCCB1 powers 5B, 6B, 7B, 8B, 9B2, 10B2, 11B, 12B, and 14B.
2
Submit Documentation Feedback


Numéro de pièce similaire - SN74AVCA406ZQCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406ZQCR TI-SN74AVCA406ZQCR Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406ZQCR TI-SN74AVCA406ZQCR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

Description similaire - SN74AVCA406ZQCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com