Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11590N Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 74ACT11590N
Description  8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11590N Fiches technique(HTML) 6 Page - Texas Instruments

Back Button 74ACT11590N Datasheet HTML 2Page - Texas Instruments 74ACT11590N Datasheet HTML 3Page - Texas Instruments 74ACT11590N Datasheet HTML 4Page - Texas Instruments 74ACT11590N Datasheet HTML 5Page - Texas Instruments 74ACT11590N Datasheet HTML 6Page - Texas Instruments 74ACT11590N Datasheet HTML 7Page - Texas Instruments 74ACT11590N Datasheet HTML 8Page - Texas Instruments 74ACT11590N Datasheet HTML 9Page - Texas Instruments 74ACT11590N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74ACT11590
8BIT BINARY COUNTER
WITH REGISTERED 3STATE OUTPUTS
SCAS195 − D3989, MARCH 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−6
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
CCK or RCK
80
80
MHz
tPLH
CCK
RCO
4.5
8
11
4.5
13
ns
tPHL
CCK
RCO
5.1
9
13.8
5.1
16.4
ns
tPLH
CCLR
RCO
3.5
7
11
3.5
13.1
ns
tPLH
RCK
Q
4.6
8
11.1
4.6
13
ns
tPHL
RCK
Q
3.9
7.6
11.8
3.9
13.9
ns
tPZH
OE
Q
4
8.3
13.2
4
15.6
ns
tPZL
OE
Q
3.8
8.2
13.9
3.8
16.2
ns
tPHZ
OE
Q
5.3
8
10.3
5.3
11.5
ns
tPLZ
OE
Q
6.1
9.1
11.5
6.1
13
ns
tPLH
CCKEN
RCO
3.8
6.8
9.7
3.8
11.2
ns
tPHL
CCKEN
RCO
2.8
7.6
11
2.8
12.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 1 MHz
66
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 1 MHz
42
pF


Numéro de pièce similaire - 74ACT11590N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11590N TI1-74ACT11590N Datasheet
689Kb / 17P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

Description similaire - 74ACT11590N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11590 TI1-74ACT11590_16 Datasheet
689Kb / 17P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com