Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54ACT11534 Datasheet(Fiches technique) 3 Page - Texas Instruments

Numéro de pièce 54ACT11534
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT11534 Datasheet(HTML) 3 Page - Texas Instruments

  54ACT11534 Datenblatt HTML 1Page - Texas Instruments 54ACT11534 Datenblatt HTML 2Page - Texas Instruments 54ACT11534 Datasheet HTML 3Page - Texas Instruments 54ACT11534 Datenblatt HTML 4Page - Texas Instruments 54ACT11534 Datenblatt HTML 5Page - Texas Instruments 54ACT11534 Datenblatt HTML 6Page - Texas Instruments 54ACT11534 Datenblatt HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
54ACT11534, 74ACT11534
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS038A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−3
recommended operating conditions
54ACT11534
74ACT11534
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
24
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
0
10
ns/ V
TA
Operating free-air temperature
−55
125
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT11534
74ACT11534
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH = − 50 A
4.5 V
4.4
4.4
4.4
IOH = − 50 mA
5.5 V
5.4
5.4
5.4
VOH
IOH = − 24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = − 24 mA
5.5 V
4.94
4.7
4.8
V
IOH = − 50 mA{
5.5 V
3.85
IOH = − 75 mA{
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA{
5.5 V
1.65
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
± 0.5
± 10
± 5
mA
II
VI = VCC or GND
5.5 V
± 0.1
± 1
± 1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
DICC}
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5 V
4
pF
Co
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn