Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11194 Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce 74ACT11194
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11194 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button 74ACT11194 Datasheet HTML 20Page - Texas Instruments 74ACT11194 Datasheet HTML 21Page - Texas Instruments 74ACT11194 Datasheet HTML 22Page - Texas Instruments 74ACT11194 Datasheet HTML 23Page - Texas Instruments 74ACT11194 Datasheet HTML 24Page - Texas Instruments 74ACT11194 Datasheet HTML 25Page - Texas Instruments 74ACT11194 Datasheet HTML 26Page - Texas Instruments 74ACT11194 Datasheet HTML 27Page - Texas Instruments 74ACT11194 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ACT11194DW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
74ACT11194N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
74ACT11194N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Numéro de pièce similaire - 74ACT11194

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ACT11190 PHILIPS-74ACT11190 Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74ACT11190D PHILIPS-74ACT11190D Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74ACT11190N PHILIPS-74ACT11190N Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191DBLE TI1-74ACT11191DBLE Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results

Description similaire - 74ACT11194

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com