Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F399 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74F399
Description  54F398 54F399 74F398 74F399 Quad 2-Port Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74F399 Fiches technique(HTML) 4 Page - Texas Instruments

  74F399 Datasheet HTML 1Page - Texas Instruments 74F399 Datasheet HTML 2Page - Texas Instruments 74F399 Datasheet HTML 3Page - Texas Instruments 74F399 Datasheet HTML 4Page - Texas Instruments 74F399 Datasheet HTML 5Page - Texas Instruments 74F399 Datasheet HTML 6Page - Texas Instruments 74F399 Datasheet HTML 7Page - Texas Instruments 74F399 Datasheet HTML 8Page - Texas Instruments 74F399 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Functional Description
The ’F398 and ’F399 are high-speed quad 2-port registers
They select four bits of data from either of two sources
(Ports) under control of a common Select input (S) The
selected data is transferred to a 4-bit output register syn-
chronous with the LOW-to-HIGH transition of the Clock in-
put (CP) The 4-bit D-type output register is fully edge-trig-
gered The Data inputs (I0x I1x) and Select input (S) must be
stable only a setup time prior to and hold time after the
LOW-to-HIGH transition of the Clock input for predictable
operation The ’F398 has both Q and Q outputs
Function Table
Inputs
Outputs
SI0
I1
QQ
II
X
L
H
Ih
X
H
L
hX
I
L
H
hX
h
H
L
H e HIGH Voltage Level
L e LOW Voltage Level
h e HIGH Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
I e LOW Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
X e Immaterial
’F398 only
Logic Diagram
TLF9533 – 9
’F398 Only
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
3


Numéro de pièce similaire - 74F399

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
logo
National Semiconductor ...
74F399PC NSC-74F399PC Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399PC FAIRCHILD-74F399PC Datasheet
105Kb / 9P
   Quad 2-Port Register
74F399PC FAIRCHILD-74F399PC Datasheet
77Kb / 7P
   Quad 2-Port Register
More results

Description similaire - 74F399

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com