Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5662MPFBEP Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5662MPFBEP
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662MPFBEP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC5662MPFBEP Datasheet HTML 4Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 5Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 6Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 7Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 8Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 9Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 10Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 11Page - Texas Instruments DAC5662MPFBEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load resistor
75
90
IAVDD
Supply current, analog
Sleep mode with clock
2.5
6
mA
Sleep mode without clock
2.5
25
38
IDVDD
Supply current, digital
Sleep mode with clock
12.5
18
mA
Sleep mode without clock
<10
330
390
Power dissipation
Sleep mode without clock
15
mW
fDATA = 200 MSPS, fOUT = 20 MHz
350
APSSR
Analog power-supply rejection ratio
–0.2
0.2
%FSR/V
DPSRR
Digital power-supply rejection ratio
–0.2
0.2
%FSR/V
TA
Operating free-air temperature
–55
125
°C
8
Submit Documentation Feedback


Numéro de pièce similaire - DAC5662MPFBEP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFB TI1-DAC5662AIPFB Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFBG4 TI1-DAC5662AIPFBG4 Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC5662MPFBEP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com