Moteur de recherche de fiches techniques de composants électroniques |
|
Si4355-B1A-FM Fiches technique(PDF) 1 Page - Silicon Laboratories |
|
Si4355-B1A-FM Fiches technique(HTML) 1 Page - Silicon Laboratories |
1 / 34 page Rev 1.0 7/12 Copyright © 2012 by Silicon Laboratories Si4355 Si4355 E ASY- TO-U SE, L OW-C URRENT OOK/(G)FSK S UB-GH Z R ECEIVER Features Applications Description Silicon Laboratories’ Si4355 is an easy to use, low current, sub-GHz EZRadio® receiver. Covering all major bands, it combines plug-and-play simplicity with the flexibility needed to handle a wide variety of applications. The compact 3x3 mm package size combined with a low external BOM count makes the Si4355 both space efficient and cost effective. Excellent sensitivity of 116 dBm allows for a longer operating range, while the low current consumption of 10 mA active and 50 nA standby, provides for superior battery life. By fully integrating all components from the antenna to the GPIO or SPI interface to the MCU, the Si4355 makes realizing this performance in an application easy. Design simplicity is further exemplified in the Wireless Development Suite (WDS) user interface module. This configuration module provides simplified programming options for a broad range of applications in an easy to use format that results in both a faster and lower risk development. Like all Silicon Laboratories’ EZRadio devices, the Si4355 is fully compliant with all worldwide regulatory standards, such as FCC, ETSI, and ARIB. Frequency range = 283–960 MHz Receive sensitivity =–116dBm Modulation (G)FSK OOK Low RX Current = 10 mA Low standby current = 50 nA Max data rate = 500 kbps Power supply = 1.8 to 3.6 V 64 byte FIFO Auto frequency control (AFC) Automatic gain control (AGC) Integrated battery voltage sensor Packet handling including preamble, sync word detection, and CRC Low BOM 20-Pin 3x3 mm QFN package Remote control Home security and alarm Telemetry Garage and gate openers Remote keyless entry Home automation Industrial control Sensor networks Health monitors Patents pending Pin Assignments 1 2 3 4 5 6 7 8 9 10 16 15 14 13 12 11 20 19 18 17 GND SDN RXp RXn NC GND nSEL SDI SDO SCLK nIRQ GPIO1 |
Numéro de pièce similaire - Si4355-B1A-FM |
|
Description similaire - Si4355-B1A-FM |