Moteur de recherche de fiches techniques de composants électroniques |
|
DAC5652IPFBG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
DAC5652IPFBG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 27 page DAC5652 www.ti.com SLAS452C – MARCH 2005 – REVISED DECEMBER 2010 ELECTRICAL CHARACTERISTICS Digital specifications over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Digital Input VIH High-level input voltage 2 3.3 V VIL Low-level input voltage 0 0.8 V IIH High-level input current ±50 µA IIL Low-level input current ±10 µA IIH(GSET) High-level input current, GSET pin 7 µA IIL(GSET) Low-level input current, GSET pin –80 µA IIH(MODE) High-level input current, MODE pin –30 µA IIL(MODE) Low-level input current, MODE pin –80 µA CI Input capacitance 5 pF SWITCHING CHARACTERISTICS Digital specifications over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Timing - Dual Bus Mode tsu Input setup time 1 ns th Input hold time 1 ns tLPH Input clock pulse high time 1 ns tLAT Clock latency (WRTA/B to outputs) 4 4 clk tPD Propagation delay time 1.5 ns Timing - Single Bus Interleaved Mode tsu Input setup time 0.5 ns th Input hold time 0.5 ns tLAT Clock latency (WRTA/B to outputs) 4 4 clk tPD Propagation delay time 1.5 ns Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): DAC5652 |
Numéro de pièce similaire - DAC5652IPFBG4 |
|
Description similaire - DAC5652IPFBG4 |