Moteur de recherche de fiches techniques de composants électroniques |
|
DAC5652 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
DAC5652 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 27 page 13 14 15 NC NC NC NC DB0 (LSB) DB1 DB2 DB3 DB4 DB5 DB6 DB7 36 35 34 33 32 31 30 29 28 27 26 25 16 1 2 3 4 5 6 7 8 9 10 11 12 DA9 (MSB) DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 (LSB) NC NC 17 18 19 20 47 46 45 44 43 48 42 40 39 38 41 21 22 23 24 37 Top View 48-Pin TQFP PFB Package DAC5652 www.ti.com SLAS452C – MARCH 2005 – REVISED DECEMBER 2010 DEVICE INFORMATION TERMINAL FUNCTIONS TERMINAL I/O DESCRIPTION NAME NO. AGND 38 I Analog ground AVDD 47 I Analog supply voltage BIASJ_A 44 O Full-scale output current bias for DACA BIASJ_B 41 O Full-scale output current bias for DACB CLKA/CLKIQ 18 I Clock input for DACA, CLKIQ in interleaved mode CLKB/RESETIQ 19 I Clock input for DACB, RESETIQ in interleaved mode DA[9:0] 1-10 I Data port A. DA9 is MSB and DA0 is LSB. Internal pulldown. DB[9:0] 23-32 I Data port B. DB9 is MSB and DB0 is LSB. Internal pulldown. DGND 15, 21 I Digital ground DVDD 16, 22 I Digital supply voltage EXTIO 43 I/O Internal reference output (bypass with 0.1 mF to AGND) or external reference input GSET 42 I Gain-setting mode: H – 1 resistor, L – 2 resistors. Internal pullup. IOUTA1 46 O DACA current output. Full-scale with all bits of DA high. IOUTA2 45 O DACA complementary current output. Full-scale with all bits of DA low. IOUTB1 39 O DACB current output. Full-scale with all bits of DB high. IOUTB2 40 O DACB complementary current output. Full-scale with all bits of DB low. MODE 48 I Mode Select: H – Dual Bus, L – Interleaved. Internal pullup. NC 11-14, 33-36 - Factory use only. Pins must be connected to DGND or left unconnected. Sleep function control input: H – DAC in power-down mode, L – DAC in operating mode. SLEEP 37 I Internal pulldown. WRTA/WRTIQ 17 I Input write signal for PORT A (WRTIQ in interleaving mode) WRTB/SELECTIQ 20 I Input write signal for PORT B (SELECTIQ in interleaving mode) Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): DAC5652 |
Numéro de pièce similaire - DAC5652 |
|
Description similaire - DAC5652 |