Moteur de recherche de fiches techniques de composants électroniques |
|
B-01-A2 Fiches technique(PDF) 42 Page - NEC |
|
B-01-A2 Fiches technique(HTML) 42 Page - NEC |
42 / 45 page 42 DC Line Filters VOL.10 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634DCLVOL10E1106E2 SMD Type [mm] [mm] M-532CT (conforms to EIAJ RC-1009) (1000pcs./reel) Dimensions of indented square-hole plastic tape W2 A C E D r W1 T1 K T2 Sprocket hole øD0 Indented square-hole for fitting chips Chip fitted on square-hole A P1 P2 P0 Forward direction AB W F E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 max. max. max. 7.9 9.4 16.0 7.5 1.75 12.0 2.0 4.0 1.5 0.6 6.9 6.8 AB C D E r W1 W2 ±3.0 ±2.0 ±0.2 ±0.8 ±0.5 — max. +6, – 0 330 80 13.0 21.0 2.0 1.0 25.0 16.0 Reel dimensions [mm] [mm] M-542CT (conforms to EIAJ RC-1009) (1000pcs./reel) Dimensions of indented square-hole plastic tape W2 A C E D r W1 T1 K T2 Sprocket hole øD0 Indented square-hole for fitting chips Chip fitted on square-hole A P1 P2 P0 Forward direction AB W F E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 max. max. max. 9.5 10.5 16.0 7.5 1.75 12.0 2.0 4.0 1.5 0.6 7.2 7.0 AB C D E r W1 W2 ±3.0 ±2.0 ±0.2 ±0.8 ±0.5 — max. +6, – 0 330 100 13.0 21.0 2.0 1.0 25.0 17.5±0.5 Reel dimensions [mm] [mm] M-538CT (conforms to EIAJ RC-1009) (1500pcs./reel) Dimensions of indented square-hole plastic tape W2 A C E D r W1 T1 K T2 Sprocket hole øD0 Indented square-hole for fitting chips Chip fitted on square-hole A P1 P2 P0 Forward direction AB W F E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 max. max. max. 7.9 9.4 16.0 7.5 1.75 12.0 2.0 4.0 1.5 0.6 4.6 4.5 AB C D E r W1 W2 ±3.0 ±2.0 ±0.2 ±0.8 ±0.5 — max. +6, – 0 330 80 13.0 21.0 2.0 1.0 25.0 16.0 Reel dimensions |
Numéro de pièce similaire - B-01-A2 |
|
Description similaire - B-01-A2 |