Moteur de recherche de fiches techniques de composants électroniques |
|
ADR392B Fiches technique(PDF) 6 Page - Analog Devices |
|
ADR392B Fiches technique(HTML) 6 Page - Analog Devices |
6 / 20 page ADR391/ADR392/ADR395 Rev. H | Page 6 of 20 ABSOLUTE MAXIMUM RATINGS At 25°C, unless otherwise noted. Table 5. Parameter Rating Supply Voltage 18 V Output Short-Circuit Duration to GND See derating curves Storage Temperature Range −65°C to +125°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +125°C Lead Temperature (Soldering, 60 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, for a device soldered in a circuit board for surface-mount packages. Table 6. Package Type θJA θJC Unit TSOT (UJ-5) 230 146 °C/W ESD CAUTION |
Numéro de pièce similaire - ADR392B |
|
Description similaire - ADR392B |