Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-101A Fiches technique(PDF) 36 Page - NEC

No de pièce ST-101A
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

ST-101A Fiches technique(HTML) 36 Page - NEC

Back Button ST-101A Datasheet HTML 32Page - NEC ST-101A Datasheet HTML 33Page - NEC ST-101A Datasheet HTML 34Page - NEC ST-101A Datasheet HTML 35Page - NEC ST-101A Datasheet HTML 36Page - NEC ST-101A Datasheet HTML 37Page - NEC ST-101A Datasheet HTML 38Page - NEC ST-101A Datasheet HTML 39Page - NEC ST-101A Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
36
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Power Line
Shape and Dimensions
bDCM5 Series
●Inductance measurement condition : f = 10KHZ 0.1V ※●Insulation resistance : more than 100MΩ(250V DC, 1min, between lines) ●Operating temperature range(℃) : -20 to 110 (includes the selftemp.rise.)
Look : By number-of-turns adjustment, to products other than the above-mentioned characteristic is also possible, please consult.
●Common mode winding with section bobbin. ※●Withstanding voltase : 250V DC for one minute between lines.
Rated voltage
(V)
Rated current
(A)
L(μH)
min
Rdc(mΩ)
max
50
50
50
50
DCM5-01
DCM5-02
DCM5-03
DCM5-04
0.2
0.5
1.0
2.0
3180
510
180
30
2540
520
210
30
Type
EE5
EE5
EE5
EE5
[mm]
7.3 max.
654
123
0.5
Recommended Land Pattern
DCM Series
DCM Series
bDCM5 Series
bDCM5 Series
Model
[RoHS Compliant]
[RoHS Compliant]
1.3
1.85 1.85
(Top view)
3
4
1
6
[mm]
Circuit Diagram
• Tape and Reel Dimensions (see page 46)
• Precautions (see page 43)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn