Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-101A Fiches technique(PDF) 35 Page - NEC

No de pièce ST-101A
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

ST-101A Fiches technique(HTML) 35 Page - NEC

Back Button ST-101A Datasheet HTML 31Page - NEC ST-101A Datasheet HTML 32Page - NEC ST-101A Datasheet HTML 33Page - NEC ST-101A Datasheet HTML 34Page - NEC ST-101A Datasheet HTML 35Page - NEC ST-101A Datasheet HTML 36Page - NEC ST-101A Datasheet HTML 37Page - NEC ST-101A Datasheet HTML 38Page - NEC ST-101A Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Power Line
SBP Series
[RoHS Compliant]
• Withstanding voltage: 200V DC for one minute between lines
• Insulation resistance: More than 10M
(100V DC, between lines)
• Tape and Reel Dimensions (see page 44)
• Precautions (see page43)
SBP-5001T
50
5.0
500
7
–25 to +70
Rated voltage
Rated current
Impedance
DC resistance
Operating
Model
(at 100MHz)
(m /line)
temperature range
DC (V)
DC (A)
( ) min.
max.
(˚C)
SBP Series
[RoHS Compliant]
1000
100
10
1
1
10
100
1000
Frequency (MHz)
8.2 max.
(4.5)
9.2 max.
34
2
1
4
3
2
1
Circuit Diagram
Shape and Dimensions
Impedance vs. Frequency
4.5
4.5
2.0
Recommended Land Pattern
[mm]
[mm]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn