Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-101A Fiches technique(PDF) 25 Page - NEC

No de pièce ST-101A
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

ST-101A Fiches technique(HTML) 25 Page - NEC

Back Button ST-101A Datasheet HTML 21Page - NEC ST-101A Datasheet HTML 22Page - NEC ST-101A Datasheet HTML 23Page - NEC ST-101A Datasheet HTML 24Page - NEC ST-101A Datasheet HTML 25Page - NEC ST-101A Datasheet HTML 26Page - NEC ST-101A Datasheet HTML 27Page - NEC ST-101A Datasheet HTML 28Page - NEC ST-101A Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
25
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
• Tape and Reel Dimensions (see page 39)
bSBT-02„„
7.5 max.
5.0±0.5
(ø0.6)
3.0 max.
Shape and Dimensions
SBT Series
[RoHS Compliant]
SBT Series
[RoHS Compliant]
10
50
100
500
1K
5K
10K
0260
0.1
1
10
100
500
Frequency (MHz)
0210
0208
0240
Impedance vs. Frequency
SBT-0208
„
50
500
8±50%
20
–25 to +70
SBT-0210
„
50
500
10±50%
20
–25 to +70
Bulk (100pcs.)
SBT-0240
„
50
500
40±35%
34
–25 to +70
SBT-0260
„
50
500
60±35%
50
–25 to +70
Rated voltage
Rated current
Inductance
DC resistance
Operating
Model
(1kHz, 70mA)
temperature range
Packaging
DC (V)
(mA)
(µH)
(m ) max.
(˚C)
Taping (2000 pcs./ reel x 6),
Flat taping (1000pcs./ box x 10)
TF
T
[mm]
DIP Type
Normal Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn