Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-101A Fiches technique(PDF) 23 Page - NEC

No de pièce ST-101A
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

ST-101A Fiches technique(HTML) 23 Page - NEC

Back Button ST-101A Datasheet HTML 19Page - NEC ST-101A Datasheet HTML 20Page - NEC ST-101A Datasheet HTML 21Page - NEC ST-101A Datasheet HTML 22Page - NEC ST-101A Datasheet HTML 23Page - NEC ST-101A Datasheet HTML 24Page - NEC ST-101A Datasheet HTML 25Page - NEC ST-101A Datasheet HTML 26Page - NEC ST-101A Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
23
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
14 max.
13 max.
ø0.6
*11.5 max. with ST-101F4
Bottom view
5.0±0.5
Bottom view
5.0±0.5
Circuit diagram
Shape and Dimensions/Circuit Diagram
Noise Filters for Telephone Sets
ST-101F2, 101F4
[RoHS Compliant]
Noise Filters for Telephone Sets
ST-101F2, 101F4
[RoHS Compliant]
10
500
1
0.1
0.01
0.1
1
10
100
1000
101F2
101F4
Frequency (MHz)
Impedance vs. Frequency
ST-101F2
0.5 to 7
40 (at 600 kHz)
50
200
2.7
–20 to +75
AM band
ST-101F4
0.5 to 7
60 (at 600 kHz)
50
200
3.5
–20 to +75
AM band
Frequency range
Impedance
Rated voltage
Rated current
DC resistance
Operating
Model
temperature range
Remarks
(MHz)
(k ) min.
DC (V)
(mA)
( /Line) max.
(˚C)
• Withstanding voltage: 500VDC (one minute, between lines)
• Insulation resistance: more than 10M
(250VDC between lines)
Telephone set
Terminal
(facsimile, card reader, etc.)
Installed filter
ST-201
ST-201A
ST-202
ST-202A
ST-202S
SZ-03
ST-101
ST-101A
ST-101F2
ST-101F4
ST-110AH
ST-110AV
ST-110BH
ST-110BV
ST-104A4
ST-204A1
ST-204A3
ST-204A4
Rosette
Installed filter
Installation position
Telephone line
Line terminal unit
LFT
HFT
Installation Examples
Insertion in Driver/ Receive
circuit in telephone
Telephone
Drv.
Rec.
Installation at rosette or circuit input/output
ST, LFT, HFT
Circuit
L2
L1
Telephone
Design Examples
[mm]
DIP Type
Common Mode for Telephone Sets


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn