Moteur de recherche de fiches techniques de composants électroniques |
|
AD7457 Fiches technique(PDF) 7 Page - Analog Devices |
|
AD7457 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 20 page AD7457 Rev. A | Page 7 of 20 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AD7457 TOP VIEW (Not to Scale) VDD 1 SCLK 2 SDATA 3 CS 4 VREF VIN+ VIN– GND 8 7 6 5 Figure 4. 8-Lead SOT-23 Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 VDD Power Supply Input. VDD is 2.7 V to 5.25 V. This supply should be decoupled to GND with a 0.1 µF capacitor and a 10 µF tantalum capacitor. 2 SCLK Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the clock source for the conversion process. 3 SDATA Serial Data. Logic output. The conversion result from the AD7457 is provided on this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream of the AD7457 consists of four leading zeros followed by the 12 bits of conversion data that are provided MSB first. The output coding is straight (natural) binary. 4 CS Chip Select. This input provides the dual function of powering up the device and initiating a conversion on the AD7457. 5 GND Analog Ground. Ground reference point for all circuitry on the AD7457. All analog input signals and any external reference signal should be referred to this GND voltage. 6 VIN– Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to ground or to a dc offset to provide a pseudo ground. 7 VIN+ Noninverting Analog Input. 8 VREF Reference Input for the AD7457. An external reference in the range 100 mV to VDD must be applied to this input. The specified reference input is 2.5 V. This pin should be decoupled to GND with a capacitor of at least 0.33 µF. |
Numéro de pièce similaire - AD7457_05 |
|
Description similaire - AD7457_05 |