Moteur de recherche de fiches techniques de composants électroniques |
|
DAC714PG4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
DAC714PG4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 22 page DAC714 10 SBAS032A www.ti.com FIGURE 6a. Manual Offset and Gain Adjust Circuits; Unipolar Mode (0V to +10V output range). FIGURE 6b. Manual Offset and Gain Adjust Circuits; Bipolar Mode (–5V to +5V output range). 10k Ω 9 13 14 9.75k Ω IDAC 0-2mA 15k Ω R 3 27k Ω R 4 10k Ω P 1 1k Ω P 2 1k Ω 12 11 180 Ω 250 Ω Internal +10V Reference V REF OUT Gain Adjust Bipolar Offset Offset Adjust 8 ACOM 10k Ω 10 R FB2 For no external adjustments, pins 13 and 14 are not connected. External resistors R 1 - R4 are standard ±1% values. Range of adjustment at least ±0.3% FSR. V OUT R 1 100 Ω R 2 100 Ω 10k Ω 10k Ω R 2 2M Ω 9 13 10 14 9.75k Ω IDAC 0-2mA 15k Ω R 3 27k Ω R 1 100 Ω +V CC –V CC V OUT P 1 1k Ω 12 180 Ω 10k Ω to 100kΩ Internal +10V Reference V REF OUT Gain Adjust Offset Adjust 8 ACOM R FB2 For no external adjustments, pins 13 and 14 are not connected. External resistors R 1 - R3 are standard ±1% values. Range of adjustment at least ±0.3% FSR. |
Numéro de pièce similaire - DAC714PG4 |
|
Description similaire - DAC714PG4 |