Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6270A Fiches technique(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce 1N6270A
Description  BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N6270A Fiches technique(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N6270A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6270A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6270A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6270A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
1N6286
38.7
47.3
1.0
1N6286A
40.9
45.2
1.0
1N6287
42.3
51.7
1.0
1N6287A
44.7
49.4
1.0
1N6288
45.9
56.1
1.0
1N6288A
48.5
53.6
1.0
1N6289
50.4
61.8
1.0
1N6289A
53.2
58.8
1.0
1N6290
55.8
68.2
1.0
1N6290A
58.9
65.1
1.0
1N6291
61.2
74.8
1.0
1N6291A
64.6
71.4
1.0
1N6292
67.5
82.5
1.0
1N6292A
71.3
78.8
1.0
1N6293
73.8
90.2
1.0
1N6293A
77.9
86.1
1.0
1N6294
81.9
100
1.0
1N6294A
86.5
95.5
1.0
1N6295
90.0
110
1.0
1N6295A
95.0
105
1.0
1N6296
99.0
121
1.0
1N6296A
105
116
1.0
1N6297
108
132
1.0
1N6297A
114
126
1.0
1N6298
117
143
1.0
1N6298A
124
137
1.0
1N6299
136
165
1.0
1N6299A
143
158
1.0
1N6300
144
176
1.0
1N6300A
152
168
1.0
1N6301
153
187
1.0
1N6301A
162
179
1.0
1N6302
162
198
1.0
1N6302A
171
189
1.0
1N6303
180
220
1.0
1N6303A
190
210
1.0
Maximum
Temperature
Coefficient
of V(BR)
(%/ )
1
.0
Stand-off
Voltage
VWM
(V)
Maximum
Reverse
Leakge
at VWM
ID (NOTE3)(μA)
Maximum
Peak Pulse
IPPM(NOTE2)
(A)
1
.0
5.8
258
Maximum
Clamping
Voltage at
IPPM VC(V)
215
Breakdow n
Voltage V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
94.0
1
.0
77.8
73.7
60.7
64.1
66.4
70.1
105
1
.0
0.108
111
1
.0
8.4
179
0.107
173
0.107
0.107
0.107
0.107
1
.0
6.1
246
1
.0
207
9.1
165
8.0
187
244
0.106
1
.0
9.5
158
0.107
1
.0
10.9
9.9
152
1
.0
1
.0
1
.0
11.5
5.2
1
.0
1
.
1.
0
0
6.1
1
.0
0.104
58.1
1
.0
16.3
92.0
0.104
55.1
1
.0
15.3
98.0
0.104
53.0
1
.0
17.6
85.0
0.104
50.2
1
.0
16.9
89.0
1
.0
1
.0
1
.0
1
.0
1
.0
1
.0
6.8
1
.0
7.2
8.7
7.0
12.0
131
125
144
10.4
13.9
14.6
12.7
13.3
109
0.106
0.108
0.108
0.105
0.105
0.105
104
118
137
0.108
0.106
0.108
0.108
0.108
0.108
113
1.
0
5.5
6.5
6.4
234
287
274
230
219
0.105
0.106
0.106
0.106
162
154
146
81.0
89.2
85.5
97.2
138
102
121
NOTE: For bidirectional use C or CA suffix for types 1N6267 thru types 1N6303A(e.g.1N6267,1N6303A). Electrical
characteristics apply in both directions.
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
Device Type
171
130
136
128
145
0.101
36.8
1.0
25.3
59.3
0.101
34.8
1.0
24.2
61.9
0.101
40.2
1.0
23.1
64.8
0.101
38.1
1.0
22.1
67.8
0.102
43.6
1.0
21.4
70.1
0.102
41.3
1.0
20.4
73.5
0.103
47.8
1.0
19.5
77.0
0.103
45.4
1.0
18.6
80.5
1N6267-1N6303A
Transient Voltage Suppressor


Numéro de pièce similaire - 1N6270A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6270A TRSYS-1N6270A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6270A DAESAN-1N6270A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
1N6270A DAESAN-1N6270A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6270A LUGUANG-1N6270A Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6270A DCCOM-1N6270A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - 1N6270A

FabricantNo de pièceFiches techniqueDescription
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
WILLAS ELECTRONIC CORP
1.5KE WILLAS-1.5KE Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com