Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54S Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BAT54S
Description  200mW Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAT54S Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAT54S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAT54S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
100
150
T , JUNCTION TEMPERATURE ( C)
j
1000
100
10
1
0.1
50
V =25V
R
RATINGS AND CHARACTERISTIC CURVES (BAT54 / A / C / S)
FIG.1- POWER DERATING CURVE
0
25
50
75
100
125
200
100
0
T , AMBIENT TEMPERATURE ( C)
A
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
700
600
500
400
300
200
100
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
100
600
T , INSTANTANEOUS FORWARD VOLTAGE (mV)
j
1000
100
10
1
0.1
200
300
400
500
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
PULSE DURATION. (sec)
FIG.5- TYPICAL TOTAL CAPACITANCE VS
REVERSE VOLTAGE
10
5
0
0
5
10
15
20
REVERSE VOLTAGE
f = 1.0MHz
BAT54/A/C/S
200mW Surface Mount Schottky Barrier Diode
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - BAT54S

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAT54S TSC-BAT54S Datasheet
146Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Zibo Seno Electronic En...
BAT54S ZSELEC-BAT54S Datasheet
71Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
BAT54S DIODES-BAT54S Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Vishay Siliconix
BAT54S VISHAY-BAT54S Datasheet
115Kb / 5P
   Small Signal Schottky Diodes, Single Dual
Rev. 1.6, 24-Nov-04
More results

Description similaire - BAT54S

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shunye Enterprise
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com