Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40-06T Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BAS40-06T
Description  Surface Mount Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS40-06T Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS40-06T Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS40-06T Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage drop.
Fast switching.
Ultra-small surface mount package.
BAS40T
BAS40-04T
PN junction guard ring for transient and
ESD protection.
BAS40-05T
BAS40-06T
General purpose switching application.
Type No.
Marking
Package Code
BAS40T
43
SOT-523
BAS40-04T
44
SOT-523
BAS40-05T
45
SOT-523
BAS40-06T
46
SOT-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Symbol
Parameter
Value
Units
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
40
V
VR(RMS)
RMS reverse voltage
28
V
IF
Forward continuous voltage
200
mA
IFSM
Non-repetitive peak forward surge current
@t=1.0s
600
mA
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
℃/W
Tj,Tstg
Junction and Storage Temperature
-65~150
BAS40T/-04T/-05T/-06T
Surface Mount Schottky Barrier Diodes
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOT-523
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - BAS40-06T

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAS40-06T WEITRON-BAS40-06T Datasheet
394Kb / 3P
   Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40-06T DIODES-BAS40-06T Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
Micro Commercial Compon...
BAS40-06T MCC-BAS40-06T Datasheet
176Kb / 3P
   150mW 40Volt Plastic-Encapsulate Diode
logo
Jiangsu Changjiang Elec...
BAS40-06T JIANGSU-BAS40-06T Datasheet
888Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAS40-06T MCC-BAS40-06T Datasheet
265Kb / 3P
   150mW 40Volt Plastic-Encapsulate Diode
More results

Description similaire - BAS40-06T

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com