Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA14(C)A-LFR Fiches technique(PDF) 4 Page - Frontier Electronics.

No de pièce SA14(C)A-LFR
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SA14(C)A-LFR Fiches technique(HTML) 4 Page - Frontier Electronics.

  SA14(C)A-LFR Datasheet HTML 1Page - Frontier Electronics. SA14(C)A-LFR Datasheet HTML 2Page - Frontier Electronics. SA14(C)A-LFR Datasheet HTML 3Page - Frontier Electronics. SA14(C)A-LFR Datasheet HTML 4Page - Frontier Electronics. SA14(C)A-LFR Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SA5.0(C)-LFR THRU SA170(C)A-LFR
Page: 4
RATINGS AND CHARACTERISTIC CURVES SA5.0(C)-LFR THRU SA170(C)A-LFR
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0
3.0 4.05.0 7.0 10
20
30 40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
8
×20 lmpulse
△ Vc=Vc-V
(BR)
SA170-LF
SA30-LF
SA40-LF
SA12-LF
SA15-LF
SA18-LF
SA24-LF
SA9.0-LF
SA5.0-LF
SA54-LF
SA70-LF
SA110-LF
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7
1.0 2.0 3.0
4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
10
×1000 lmpulse
△ Vc=Vc-V
(BR)
SA170-LF
SA40-LF
SA24-LF
SA15-LF
SA5.0-LF
SA9.0-LF
SA70-LF
SA110-LF
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0 3.0 4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
8
×20 lmpulse
△ Vc=Vc-V
(BR)
SA170C-LF
SA6.5C-LF
SA9.0C-LF
SA15C-LF
SA24C-LF
SA30C-LF
SA40C-LF
SA60C-LF
SA70C-LF
SA110C-LF
FIG. 10 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
80
60
50
40
30
20
10
8.0
6.0
5.0
4.0
3.0
2.0
1.0
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0.5 0.7 1.0
2.0 3.0 4.0 5.0 7.0
10
20 30
40 50
Ipp, Peak Pulse Current ,Amps
Waveform:
10
×1000 lmpulse
△ Vc=Vc-V
(BR)
SA170C-LF
SA24C-LF
SA6.5C-LF
SA9.0C-LF
SA15C-LF
SA40C-LF
SA70C-LF
SA110C-LF


Numéro de pièce similaire - SA14(C)A-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
SA14(C)A FRONTIER-SA14(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
SA14(C)A FORMOSA-SA14(C)A Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
More results

Description similaire - SA14(C)A-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com