Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FML-14S Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce FML-14S
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FML-14S Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FML-14S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FML-14S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
Metal-Sem iconductor junction with guard ring
Epitaxial cons truction
Low forward voltage drop,low s witching loss es
High s urge capability
Cas e:JEDEC ITO-220AB
Polarity: As marked
Weight:0.06ounce, 1.67 grams
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50 Hz,res istive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Peak f orw ard surge current
10ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
forward voltage
(IF=2.5A)
VF
V
Maximum reverse current
@TJ=25
@TJ=100
at rated DC blocking voltage
Typical thermal resistance
(Note2)
RθJC
/W
Operating junction temperature range
T
J
Storage temperature range
T
STG
2. Thermal resistance junction to case.
A
For us e in low voltage,high frequency inverters free
xxxx
wheeling,and polarity protection applications
IF(AV)
VOLTAGE RANGE: 300~400 V
CURRENT: 5.0 A
ITO-220AB
µ A
IR
IFSM
A
4.0
- 55 ---- + 150
The plas tic m aterial carries U/L recognition 94V-0
300
400
FML- 13S
FML- 14S
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
- 55 ---- + 150
40
5.0
1.3
@T
C=100
50
Maximum average forward rectified current
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
210
280
300
400
100
Dimensions in millimeters
Maximum reverse recovery time
(Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
Features
Mechanical Data
FML-13S--FML-14S
Super Fast Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - FML-14S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
FML-14S SANKEN-FML-14S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
FML-14S ETC-FML-14S Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Description similaire - FML-14S

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com