Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM102-LFR Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce FM102-LFR
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM102-LFR Fiches technique(HTML) 1 Page - Frontier Electronics.

  FM102-LFR Datasheet HTML 1Page - Frontier Electronics. FM102-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM102-LFR THRU FM106-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FM102-LFR THRU FM106-LFR
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING 250°C/10 SECONDS AT
TERMINALS
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC ,JEDEC SOD-123 / MINI SMA
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED, SOLDERABLE PER
MIL-STD-750,METHOD 2026
MOUNTING POSITION : ANY
WEIGHT: 0.04 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL FM102-LFR FM103-LFR FM104-LFR FM105-LFR FM106-LFR UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
1.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
120
PF
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL FM102-LFR FM103-LFR FM104-LFR FM105-LFR FM106-LFR UNITS
MAXIMUM FORWARD VOLTAGE AT 1.0A AND 25
VF
0. 55
0.70
V
MAXIMUM REVERSE CURRENT AT 25
IR
1.0
mA
MARKING
12
13
14
15
16
NOTE: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
.035(0.9) Typ.
.071(1.8 )
.055(1.4 )
.161(4.1)
.146(3.7)
.063(1.6)
.055(1.4)
.0012(0.3) Typ.
.035(0.9) Typ.
.126(3.2)
.110(2.8)


Numéro de pièce similaire - FM102-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
FM102 LUGUANG-FM102 Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM102 LUGUANG-FM102 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Formosa MS
FM1020 FORMOSA-FM1020 Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1020-T FORMOSA-FM1020-T Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM1020-T1 PACELEADER-FM1020-T1 Datasheet
256Kb / 2P
   SILICON EPITAXIAL PLANCE TYPE
More results

Description similaire - FM102-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com