Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY398 Fiches technique(PDF) 2 Page - Frontier Electronics.

No de pièce BY398
Description  3A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BY398 Fiches technique(HTML) 2 Page - Frontier Electronics.

  BY398 Datasheet HTML 1Page - Frontier Electronics. BY398 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BY396 THRU BY399
Page: 2
1cm
200
100
50
10
100
10
1.0
0.1
.01
RATINGS AND CHARACTERISTIC CURVE BY396 THRU BY399
+0.5A
0
-0.25A
-1.0A
Trr
SET TIME BASE
FOR 10/20 ns/cm
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
FIG. 4-TYPICAL JUNCTION CAPACITANCE
TA-AMBIENT TEMPERATURE (
°C)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
3.0
2.0
1.0
0
SINGLE PHASE HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
Fig. 3-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
1
10
100
NUMBER OF CYCLES AT 60 HZ
8.3ms Single Half Sine-Wave
(JEDEC Method)
100
10
1
TJ=25
oC
f = 1 MHz
Vsig = 50 mVp-p
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 5-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TJ=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE


Numéro de pièce similaire - BY398

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Shunye Electro...
BY398 SHUNYE-BY398 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
BY398 PANJIT-BY398 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY398 DIOTEC-BY398 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
logo
Shenzhen Ping Sheng Ele...
BY398 PFS-BY398 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Diotec Semiconductor
BY398 DIOTEC-BY398 Datasheet
133Kb / 2P
   Fast Recovery Rectifier Diodes
More results

Description similaire - BY398

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FR30-005 FRONTIER-FR30-005 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
FR30-005-LFR FRONTIER-FR30-005-LFR Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
MR850 FRONTIER-MR850 Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
BYW95AP FRONTIER-BYW95AP Datasheet
124Kb / 2P
   3A FAST RECOVERY PLASTIC RECTIFIER
HER301 FRONTIER-HER301 Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
   3A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
   3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com