Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC15XS3400DHFK Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC15XS3400DHFK
Description  Quad High Side Switch (Quad 15 mOhm)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400DHFK Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400DHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
15XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Current Sense Ratio (6.0 V < HS[0:3] < 20 V, CSNS < 5.0 V)(16)
28 W bit = 0
CSNS_ratio bit = 0
CSNS_ratio bit = 1
28 W bit = 1
CSNS_ratio bit = 0
CSNS_ratio bit = 1
CSR0_0
CSR1_0
CSR0_1
CSR1_1
1/8700
1/49000
1/4350
1/26500
Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS[0:3] < 20 V)
with 28 W bit=0
Output Current
12.5 A
5.0 A
3.0 A
1.5 A
CSR0_0_ACC
-12
-13
-16
-20
12
13
16
20
%
Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS < 20 V)
with 28 W bit=1
Output Current
3.0 A
1.5 A
CSR0_1_ACC
-16
-20
16
20
%
CSR0 Current Recopy Accuracy with one calibration point (6.0 V <
VHS[0:3] < 20 V)
(17)
Output Current
5.0 A
CSR0_0_ACC(CAL)
-5.0
5.0
%
Notes
16.
Current sense ratio = ICSNS / IHS[0:3].
17.
Based on statistical analysis, it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MC15XS3400DHFK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC15XS3400DPNA FREESCALE-MC15XS3400DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

Description similaire - MC15XS3400DHFK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com