Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4007 Fiches technique(PDF) 2 Page - Frontier Electronics.

No de pièce 1N4007
Description  1A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4007 Fiches technique(HTML) 2 Page - Frontier Electronics.

  1N4007 Datasheet HTML 1Page - Frontier Electronics. 1N4007 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4007 (1300V)
Page: 1
Figure 3. Typical Thermal Resistance versus Lead Length
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2 3
5
7
10
20
30
50 70
100
VZ, ZENER CURRENT (mA)
Iz=1mA
5mA
20mA
Tj=25ºC
Iz(ms)=0.1Iz(do)
f=60hz
Figure 4. Effect of Zener Current
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50%OF BREAKDOWNBIAS
0VBIAS
0VBIAS
FIG.1A- Range for Units to 12 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
4
5
6
7
8
9
10
11 12
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
FIG.1B- Range for Units to 12 to 100 Volts
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
L, LEAD LENGTH TO HEAT SINK (INCHES)
Figure 2. Temperature Coefficients (-55ºC to+150ºC temperature change; 90% of the units are in the ranges indicated.)
+6
+4
+2
0
-2
-4
3
4
5
6
7
8
20mA
1mA
0.01mA
VZ@IZ
TA=25ºC
NOTE:BELOW 3 VOLTS AAND ABOCE 8
VOLTS
CHANGES IN ZENER CURRENT DO NOT
EFFECT TEMPERATURE COEFFICIENTS
VZ, ZENER VOLTAGE (VOLTS)
1.25
1.0
0.75
0.5
0.25
Figure. 7 - Power Temperature Derating Curve
0
20
40
60
80
100
120
140
160
180
200
TL, LEAD TEMPERATURE (
OC)


Numéro de pièce similaire - 1N4007

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Description similaire - 1N4007

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR FRONTIER-1N4001-LFR Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513-LFR FRONTIER-EM513-LFR Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001 FRONTIER-1N4001 Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR FRONTIER-A005-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com