Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA2423MB Fiches technique(PDF) 6 Page - SiGe Semiconductor, Inc.

No de pièce PA2423MB
Description  2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIGE [SiGe Semiconductor, Inc.]
Site Internet  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423MB Fiches technique(HTML) 6 Page - SiGe Semiconductor, Inc.

Back Button PA2423MB Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 9Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PA2423MB
2.4 GHz Bluetooth Class 1 Power Amplifier IC
Production Information
Pout, Icc vs Supply Voltage
14
15
16
17
18
19
20
21
22
23
24
2.4
2.6
2.8
3
3.2
3.4
3.6
Vcc(V)
70
78
86
94
102
110
118
126
134
142
150
Pout
Icc
Output Pow er vs Control Voltage
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.4
0.9
1.4
1.9
2.4
2.9
3.4
Vctl(V)
Pin=-4dBm
Pin=0dBm
Pin=+2dBm
Supply Current vs. Control Voltage
0
20
40
60
80
100
120
140
0.4
0.9
1.4
1.9
2.4
2.9
3.4
Vctl(V)
Pin=-4dBm
Pin=0dBm
Pin=+2dBm
RF Output Power vs Frequency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
012
34567
89
10
11
12
13
14
15
Frequency (GHz)
PA output spectrum with BT modulated signal
-60
-50
-40
-30
-20
-10
0
10
20
30
2.4475
2.4485
2.4495
2.4505
2.4515
2.4525
Frequency (GHz)
DOC# 05PDS001 Rev 9
07/26/2001
Page 6 of 10


Numéro de pièce similaire - PA2423MB

FabricantNo de pièceFiches techniqueDescription
logo
SiGe Semiconductor, Inc...
PA2423 SIGE-PA2423 Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423 SIGE-PA2423 Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G-EV SIGE-PA2423G-EV Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
More results

Description similaire - PA2423MB

FabricantNo de pièceFiches techniqueDescription
logo
SiGe Semiconductor, Inc...
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
   Bluetooth 2.4-GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
logo
ATMEL Corporation
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
logo
SiGe Semiconductor, Inc...
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com