Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

950-400A-B1D Fiches technique(PDF) 9 Page - FCI connector

No de pièce 950-400A-B1D
Description  Report EL-2011-04-020A CR-PE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI-CONNECTOR [FCI connector]
Site Internet  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

950-400A-B1D Fiches technique(HTML) 9 Page - FCI connector

Back Button 950-400A-B1D Datasheet HTML 5Page - FCI connector 950-400A-B1D Datasheet HTML 6Page - FCI connector 950-400A-B1D Datasheet HTML 7Page - FCI connector 950-400A-B1D Datasheet HTML 8Page - FCI connector 950-400A-B1D Datasheet HTML 9Page - FCI connector 950-400A-B1D Datasheet HTML 10Page - FCI connector 950-400A-B1D Datasheet HTML 11Page - FCI connector 950-400A-B1D Datasheet HTML 12Page - FCI connector 950-400A-B1D Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
EL-2011-04-020A CR-PE
1. This Engineering Test Report shall not be reproduced except in full unless written permission is received from the V.P. Engineering.
Page 9 of 18
Group # 2a (Dielectric) Test Results, FCI Receptacle / ATCS Header
Step #
Test
Requirement
Step Description
Result
Comments
1
Visual Exam
No Detrimental Cond.
Initial
No Detrimental Cond.
Pass
2
Insulation Resistance
≥ 1 GΩ
Initial
≥ 1 GΩ
Pass
3
DWV
No Arc or Leak
≥ 5 mA
Initial
No Arc or Leak
≥ 5 mA
Pass
4
Thermal Shock
No Damage
Thermal Shock
No Damage
Pass
5
Insulation Resistance
≥ 1 GΩ
after Thermal Shock
≥ 1 GΩ
Pass
6
DWV
No Arc or Leak
≥ 5 mA
after Thermal Shock
No Arc or Leak
≥ 5 mA
Pass
7
Humidity
No Damage
Humidity
No Damage
Pass
8
Insulation Resistance
≥ 1 GΩ
Final
≥ 1 GΩ
Pass
9
DWV
No Arc or Leak
≥ 5 mA
Final
No Arc or Leak
≥ 5 mA
Pass
10
Visual Exam
No Detrimental Cond.
Final
No Detrimental Cond.
Pass
Group # 2b (Thermal Shock / Humidity), FCI Receptacle / ATCS Header
Step #
Test
Requirement
Step Description
Result
Comments
1
Visual Exam
No Detrimental Cond.
Initial
No Detrimental Cond.
Pass
2
Mating Force
Unmating Force
Read & Record Mate
Force/ Contact
Read & Record Unmate
Force/Contact
Initial
0.57 N/Contact Max. Mate
0.40 N/Contact Min. Unmate
NA
NA
3
LLCR
≤ 55 mΩ
Initial
28 m
Ω Max.
Pass
4
Durability Precond.
Read & Record Mate
Force/ Contact
Read & Record Unmate
Force/Contact
Preconditioning
0.49 N/Contact Max. Mate
0.36 N/Contact Min. Unmate
NA
NA
5
LLCR
≤ 10 mΩ Change
after Durability
0.9 m
Ω Max. Change
Pass
6
Thermal Shock
No Damage
Thermal Shock
No Damage
Pass
7
LLCR
≤ 10 mΩ Change
after Thermal Shock
1.6 m
Ω Max. Change
Pass
8
Dust
No Damage
Dust
No Damage
Pass
9
LLCR
≤ 10 mΩ Change
after Dust
1.6 m
Ω Max. Change
Pass
10
Humidity
No Damage
Humidity
No Damage
Pass
11
LLCR
≤ 10 mΩ Change
after Humidity
0.8 m
Ω Max. Change
Pass
12
Reseat
Read & Record Mate
Force/ Contact
Read & Record Unmate
Force/Contact
after Humidity
0.37 N/Contact Max. Mate
0.42 N/Contact Min. Unmate
NA
NA
13
LLCR
≤ 10 mΩ Change
after Reseat
1.5 m
Ω Max. Change
Pass
14
Thermal Disturb
No Damage
Thermal Disturb
No Damage
Pass
15
LLCR
≤ 10 mΩ Change
Final
2.1 m
Ω Max. Change
Pass
16
Visual Exam
No Detrimental Cond.
Final
No Detrimental Cond.
Pass


Numéro de pièce similaire - 950-400A-B1D

FabricantNo de pièceFiches techniqueDescription
logo
WECO ELECTRICAL CONNECT...
950-D-SMD-DS WECO-950-D-SMD-DS Datasheet
96Kb / 1P
   PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02 WECO-950-D-SMD-DS/02 Datasheet
96Kb / 1P
   PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02-TR WECO-950-D-SMD-DS/02-TR Datasheet
96Kb / 1P
   PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/03 WECO-950-D-SMD-DS/03 Datasheet
96Kb / 1P
   PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/03-TR WECO-950-D-SMD-DS/03-TR Datasheet
96Kb / 1P
   PCB connector for SMD Screw connection
01.18
More results

Description similaire - 950-400A-B1D

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
Rohm
BA225 ROHM-BA225 Datasheet
73Kb / 6P
   CR timer
logo
List of Unclassifed Man...
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
   FAILURE REPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com