Moteur de recherche de fiches techniques de composants électroniques |
|
A101221 Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
A101221 Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
1 / 1 page SPECIFICATION CONTROL DRAWING TE Connectivity 300 Constitution Drive, Menlo Park, CA. 94025, U.S.A. Raychem TITLE: SOLDERSLEEVE WIRE SPLICE Unless otherwise specified dimensions are in millimeters. [Inches dimensions are shown in brackets] DOCUMENT NO.: D - 1 7 4 4 - 0 1 / - 0 2 / - 0 3 / - 0 4 TOLERANCES: 0.00 N/A 0.0 N/A 0 N/A ANGLES: N/A ROUGHNESS IN MICRON TE Connectivity reserves the right to amend this drawing at any time. Users should evaluate the suitability of the product for their application. PROD. REV.: SEE TABLE DOC. ISSUE: 6 DATE: 15-Apr-11 PREPARED BY: mforonda DCR NUMBER: D040063 REPLACES: D030265 CAGE CODE : 06090 SCALE: --- SIZE: A SHEET: 1 of 1 Print Date: 9-May-11 © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. If this document is printed it becomes uncontrolled. Check for the latest revision. Product Revision Product Dimensions Wire Dimensions øD Product Name L max øA min øB min max min CMA Range D-1744-01 B 29.70 (1.170) 1.90 (0.075) 2.40 (0.095) 1.90 (0.075) 0.50 (0.020) 350 to 2000 D-1744-02 C 30.15 (1.187) 2.80 (0.110) 3.15 (0.125) 2.80 (0.110) 0.80 (0.030) 2000 to 4000 D-1744-03 B 29.60 (1.165) 4.60 (0.180) 5.10 (0.200) 4.57 (0.180) 1.30 (0.050) 4000 to 10000 D-1744-04 B 30.00 (1.180) 7.11 (0.280) 7.62 (0.300) 7.11 (0.280) 2.00 (0.080) 10000 to 13000 MATERIALS 1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride. 2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR: SOLDER: TYPE Sn63 per ANSI/J-STD-006. FLUX: TYPE ROL1 per ANSI/J-STD-004. THERMAL INDICATOR: Violet 3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: gray. APPLICATION 1. These parts are designed to provide an environment resistant in-line splice in wires having tin or silver-plated conductors and insulation rated for at least 125C. 2. Temperature range: -55C to +150C. 3. Install using TE Connectivity/ Raychem-approved convection or infrared tools in accordance with TE Connectivity/ Raychem installation procedure RPIP-850-00. 4. Assemblies will meet requirements of TE Connectivity / Raychem specification RT-1404 and National Aerospace Standard NAS-1744. For best results, prepare the wire(s) as shown: |
Numéro de pièce similaire - A101221 |
|
Description similaire - A101221 |