Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6920 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce TDA6920
Description  7 x 5 Video Matrix Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6920 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  TDA6920 Datasheet HTML 1Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 2Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 3Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 4Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 5Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 8Page - Siemens Semiconductor Group TDA6920 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TDA 6920
Overview
Semiconductor Group
4
1.6
Pin Description
C (color input)
In 2, 3, 4 (CVBS input)
In 2, 5, 6, 7 (CVBS input)
SCL, Address


Numéro de pièce similaire - TDA6920

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA6050-5 SIEMENS-TDA6050-5 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
More results

Description similaire - TDA6920

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
   5 x 7 matrix displays
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
   5 x 7 DOT MATRIX LED DISPLAY
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
   0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com