Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5940 Fiches technique(PDF) 7 Page - Siemens Semiconductor Group

No de pièce TDA5940
Description  Video and Sound IF with V & S SCART
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5940 Fiches technique(HTML) 7 Page - Siemens Semiconductor Group

  TDA5940 Datasheet HTML 1Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 2Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5940 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
50
TDA 5940-2
Characteristics (cont’d)
Alignment Instructions
At a video carrier input level of
V1/2 = 4 mVrms, fPC = 38.9 MHz, and a superimposed AGC voltage
of
V22 = 1.5 V, the demodulator tank circuit is preliminarily aligned until a max. video signal V11pp is
obtained at the video output. Any suitable video test signal can be used for modulation. The AGC
voltage
V22 is reduced until the signal is approx. 1 Vpp and the max. video signal is obtained when
fine-aligning the demodulator tank circuit. The alignment is not critical due to relatively large
bandwidth of the demodulator tank circuit. Fine-tuning to intercarrier
S/N, differential phase or
2T-pulse characteristics is possible.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Sound IF Section
Min. sound IF-input voltage
(min. control)
V9
70
µV
AF-output voltage
V6
500
mV
f = 30 kHz
fmod = 1 kHz
FSIF = 5.5 MHz
SCART AF-output voltage
V5
500
mV
f = 30 kHz
fmod = 1 kHz
FSIF = 5.5 MHz
Total harmonic distortion
THDAFo
0.5
%
f = 30 kHz
fmod = 1 kHz
FSIF = 5.5 MHz
Max. SCART-input voltage
V7RMS
2V
Gain SCART-sound switch
G7-6
1
V8 ≥ 3.6 V


Numéro de pièce similaire - TDA5940

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
TDA5931 SIEMENS-TDA5931 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TDA5931-65 SIEMENS-TDA5931-65 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TDA5950 SIEMENS-TDA5950 Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
More results

Description similaire - TDA5940

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Siemens Semiconductor G...
TDA5931-65 SIEMENS-TDA5931-65 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
TBA121-5 SIEMENS-TBA121-5 Datasheet
430Kb / 10P
   FM-Sound IF with SCART Switch and Volume Control
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
   IF Filter for Video and Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com