Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4605-2 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce TDA4605-2
Description  Control IC for Switched-Mode Power Supplies using MOS-Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4605-2 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  TDA4605-2 Datasheet HTML 1Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4605-2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Semiconductor Group
58
TDA 4605-2
Circuit Description
Application Circuit
The application circuit shows a flyback converter for video recorders with an output power rating of
70 W. The circuit is designed as a wide-range power supply for AC-line voltages of 180 to 264 V.
The AC-input voltage is rectified by the bridge rectifier GR1 and smoothed by
C1 . The NTC limits
the rush-in current.
The IC includes an internal circuit to avoid the turn-on of the power transistor T1 because of static
charges applied to the transistors gate, during the turn-off state of the IC. The resistor
R 13 helps to
limit the spectrum of the radiated noise.
During the conductive phase of the power transistor T1 the current rise in the primary winding
depends on the winding inductance and the mains voltage.
The network consisting of
R 4-C5 is used to create a model of the sawtooth shaped rise of the
collector current. The resulting control voltage is fed into pin 2 of the IC. The RC-time constant given
by
R 4-C5 must be designed that way that driving the transistor core into saturation is avoided.
The ratio of the voltage divider
R 10/R 11 is fixing a voltage level threshold. Below this threshold the
switching power supply shall stop operation because of the low mains voltage. The control voltage
present at pin 3 also determines the correction current for the foldback point.
This current added to the current flowing through
R 4 and represents an additional charge to C5 in
order to reduce the turn-on phase of T1. This is done to stabilize the fold-back point even under
higher mains voltages.
The control of the switched-mode power supply is done by means of a control voltage applied to
pin 1. The control voltage of winding
n1 during the off-period of T1 is rectified by D3 smoothed by C6
and stepped down at an adjustable ratio by
R 5 , R 6 and R 7 . The primary peak current, is adjusted
by the IC so that the voltage applied across the control winding, and hence the output voltages, are
at the desired level.
When the energy stored in the transformer is transferred into the load the control voltage passes
through zero. The IC detects the zero crossing via the series R 9 connected to pin 8. But zero
crossings of the control voltage can also be produced by ringing of the transformer after the turn-off
of the power transistor for T1 or when a short-circuit is applied to the output of the SMPS.
The capacitor
C8 is connected to pin 7. During the start-up phase this capacitor assures pulses with
a shorter duty cycle in order to keep the operating frequency outside the audible frequency range.
On the secondary side of the transformer 3 output voltages are produced using the windings
n 2 to
n5 , rectified by D4 to D6 and smoothed by C9 to C11 . The resistor R 12 is used as a bleeder resistor,
the resistors with implemented fuse
R 15 and R 16 protect the rectifies against short circuits in the
output circuits, which are designed to supply only small loads.


Numéro de pièce similaire - TDA4605-2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
More results

Description similaire - TDA4605-2

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com