Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

U-DFN1616-8 Fiches technique(PDF) 39 Page - Diodes Incorporated

No de pièce U-DFN1616-8
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

U-DFN1616-8 Fiches technique(HTML) 39 Page - Diodes Incorporated

Back Button U-DFN1616-8 Datasheet HTML 35Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 36Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 37Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 38Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 39Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 40Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 41Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 42Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 43Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AP02002 Rev. 60
39 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSOT25
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
L2
-
-
0.25
θ
θ1
12°
-
All Dimensions in mm
TSOT26
TSOT26
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
-
L2
-
-
.25
θ
θ1
12°
-
All Dimensions in mm
X2-WLB0505-3
X2-WLB0505-3
Dim
Min
Max
Typ
A
0.35
0.40
A1
0.00
0.01
b
0.12
0.18
0.15
D
0.50
E
0.50
K
0.16
L
0.43
0.49
0.46
L1
0.07
0.13
0.10
L2
0.17
0.23
0.20
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
D
E
SEATING PLANE
A
A1
L2
L1
L
K
K
b
b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn