Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U-DFN1616-6 Fiches technique(PDF) 39 Page - Diodes Incorporated

No de pièce U-DFN1616-6
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

U-DFN1616-6 Fiches technique(HTML) 39 Page - Diodes Incorporated

Back Button U-DFN1616-6 Datasheet HTML 35Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 36Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 37Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 38Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 39Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 40Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 41Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 42Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 43Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AP02002 Rev. 60
39 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSOT25
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
L2
-
-
0.25
θ
θ1
12°
-
All Dimensions in mm
TSOT26
TSOT26
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
-
L2
-
-
.25
θ
θ1
12°
-
All Dimensions in mm
X2-WLB0505-3
X2-WLB0505-3
Dim
Min
Max
Typ
A
0.35
0.40
A1
0.00
0.01
b
0.12
0.18
0.15
D
0.50
E
0.50
K
0.16
L
0.43
0.49
0.46
L1
0.07
0.13
0.10
L2
0.17
0.23
0.20
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
D
E
SEATING PLANE
A
A1
L2
L1
L
K
K
b
b


Numéro de pièce similaire - U-DFN1616-6

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
U-DFN1616-6 DIODES-U-DFN1616-6 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
U-DFN1616-6 DIODES-U-DFN1616-6 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
More results

Description similaire - U-DFN1616-6

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029133319 BILIN-081029133319 Datasheet
35Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-89 BILIN-SOT-89 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
logo
Diodes Incorporated
AP02002 DIODES-AP02002 Datasheet
776Kb / 32P
   PACKAGE OUTLINE DIMENSIONS
AP02002 Rev. 44
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com