Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U-DFN1616-6 Fiches technique(PDF) 27 Page - Diodes Incorporated

No de pièce U-DFN1616-6
Description  SUGGESTED PAD LAYOUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

U-DFN1616-6 Fiches technique(HTML) 27 Page - Diodes Incorporated

Back Button U-DFN1616-6 Datasheet HTML 19Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 20Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 21Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 22Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 23Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 24Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 25Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 26Page - Diodes Incorporated U-DFN1616-6 Datasheet HTML 27Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
27 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
X2-WLB1818-4
Dimensions
Value
(in mm)
C
0.65
D
0.30
X2-WLB2718-6
Dimensions
Value
(in mm)
C
0.65
D
0.30
C
A
B
2
1
C
D
D
6 x
C
A
B
2
1
C
C
C


Numéro de pièce similaire - U-DFN1616-6

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
U-DFN1616-6 DIODES-U-DFN1616-6 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
U-DFN1616-6 DIODES-U-DFN1616-6 Datasheet
1Mb / 51P
   PACKAGE OUTLINE DIMENSIONS
More results

Description similaire - U-DFN1616-6

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com