Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS116-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAS116-7-F
Description  SURFACE MOUNT LOW LEAKAGE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAS116-7-F Datasheet HTML 1Page - Diodes Incorporated BAS116-7-F Datasheet HTML 2Page - Diodes Incorporated BAS116-7-F Datasheet HTML 3Page - Diodes Incorporated BAS116-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS116
Document number: DS30233 Rev. 10 - 2
2 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 4)
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4) @TA = 25°C
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 4) @TA = 25°C
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
85
V
IR = 100μA
Forward Voltage
VF
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 5)
IR
5.0
80
nA
nA
VR = 75V
VR = 75V, Tj = 150°C
Total Capacitance
CT
2
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
R
= 500°C/W
θJA
Note 4
050
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE ( C)
Fig. 2 Current Derating Curve
A
°


Numéro de pièce similaire - BAS116-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS116-7-F DIODES-BAS116-7-F Datasheet
344Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
BAS116-7-F DIODES-BAS116-7-F Datasheet
116Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 May 2008
BAS116-7-F DIODES-BAS116-7-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-7-F DIODES-BAS116-7-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results

Description similaire - BAS116-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com