Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM319 Fiches technique(PDF) 2 Page - Linear Technology

No de pièce LM319
Description  Guaranteed Maximum 0.5mV Input Offset Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM319 Fiches technique(HTML) 2 Page - Linear Technology

  LM319 Datasheet HTML 1Page - Linear Technology LM319 Datasheet HTML 2Page - Linear Technology LM319 Datasheet HTML 3Page - Linear Technology LM319 Datasheet HTML 4Page - Linear Technology LM319 Datasheet HTML 5Page - Linear Technology LM319 Datasheet HTML 6Page - Linear Technology LM319 Datasheet HTML 7Page - Linear Technology LM319 Datasheet HTML 8Page - Linear Technology LM319 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT119A/LT319A
LM119/LM319
2
119a319afc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage..........................................................36V
Output to Negative Supply Voltage ...........................36V
Ground to Negative Supply Voltage ..........................25V
Ground to Positive Supply Voltage............................18V
Differential Input Voltage (Note 6) ............................±5V
Differential Input Current (Note 6) .........................±5mA
Input Voltage (Note 2)
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT319AN#PBF
LT319AN
14-Lead Plastic DIP
0°C to 70°C
LM319N#PBF
LM319N
14-Lead Plastic DIP
0°C to 70°C
OBSOLETE PACKAGES
LT119AH#PBF
LT119AH
10-Lead TO-5 Metal Can
–55°C to 125°C
LM119H#PBF
LM119H
10-Lead TO-5 Metal Can
–55°C to 125°C
LT319AH#PBF
LT319AH
10-Lead TO-5 Metal Can
0°C to 70°C
LM319H#PBF
LM319H
10-Lead TO-5 Metal Can
0°C to 70°C
LT119AJ#PBF
LT119AJ
14-Lead Ceramic DIP
–55°C to 125°C
LM119J#PBF
LM119J
14-Lead Ceramic DIP
–55°C to 125°C
LT319AJ#PBF
LT319AJ
14-Lead Ceramic DIP
0°C to 70°C
LM319J#PBF
LM319J
14-Lead Ceramic DIP
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part markings, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT 1
–INPUT 1
V
OUTPUT 2
NC
NC
OUTPUT 1
V+
–INPUT 2
+INPUT 2
GND 2
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
–INPUT 2
V+
V
10
9
8
6
4
2
1
5
H PACKAGE
10-LEAD TO-5 METAL CAN
7
3
GND 2
OUTPUT 2
+INPUT 1
–INPUT 1
GND
OUTPUT 1
+INPUT 2
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
OBSOLETE PACKAGE
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERAMIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT 1
–INPUT 1
V
OUTPUT 2
NC
NC
OUTPUT 1
V+
–INPUT 2
+INPUT 2
GND 2
TJMAX = 150°C, θJA = 100°C/W
OBSOLETE PACKAGE
PIN CONFIGURATION
Output Short-Circuit Duration................................... 10s
Operating Temperature Range
LT119A, LM119 OBSOLETE .......... –55°C to 125°C
LT319A, LM319........................................ 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C


Numéro de pièce similaire - LM319

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM319 PHILIPS-LM319 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM319 STMICROELECTRONICS-LM319 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Linear Technology
LM319 LINER-LM319 Datasheet
240Kb / 8P
   Dual Comparator
logo
STMicroelectronics
LM319 STMICROELECTRONICS-LM319 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
More results

Description similaire - LM319

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Maxim Integrated Produc...
MAX77757HEVKIT360 MAXIM-MAX77757HEVKIT360 Datasheet
795Kb / 9P
   13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com