Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM81004X Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce STM81004X
Description  1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STM81004X Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  STM81004X Datasheet HTML 1Page - Siemens Semiconductor Group STM81004X Datasheet HTML 2Page - Siemens Semiconductor Group STM81004X Datasheet HTML 3Page - Siemens Semiconductor Group STM81004X Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.95
1550 nm Laser in Coaxial Package with SM-Pigtail,
Medium Power
STM 81004X
STM 81005X
Designed for application in fiber-optic networks
Laser diode with Multi-Quantum Well structure
Suitable for bit rates up to 1 Gbit/s
Ternary photodiode at rear mirror for monitoring and
control of radiant power
Hermetically sealed subcomponent, similar to TO 18
SM Pigtail with optional flange
Type
Ordering Code
Connector/Flange
STM 81004G
Q62702-Pxxxx
FC / without flange
STM 81004A
Q62702-Pxxxx
DIN / without flange
STM 81005G
Q62702-Pxxxx
FC / with flange
STM 81005A
Q62702-Pxxxx
DIN / with flange
Component with other connector types on request.
Maximum Ratings
Output power ratings refer to the SM fiber output. The operating temperature of the
submount is identical to the case temperature.
Parameter
Symbol
Values
Unit
Module
Operating temperature range at case
TC
− 40 + 85
°C
Storage temperature range
Tstg
− 40 + 85
°C
Soldering temperature
tmax = 10 s, 2 mm distance from bottom edge of
case
TS
260
°C


Numéro de pièce similaire - STM81004X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM810 STMICROELECTRONICS-STM810 Datasheet
255Kb / 18P
   Reset Circuit
STM810 STMICROELECTRONICS-STM810 Datasheet
424Kb / 21P
   Reset circuit
STM810LW16F STMICROELECTRONICS-STM810LW16F Datasheet
255Kb / 18P
   Reset Circuit
STM810LWX6F STMICROELECTRONICS-STM810LWX6F Datasheet
255Kb / 18P
   Reset Circuit
STM810MW16F STMICROELECTRONICS-STM810MW16F Datasheet
255Kb / 18P
   Reset Circuit
More results

Description similaire - STM81004X

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
logo
Optoway Technology Inc
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
California Eastern Labs
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com